| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M35045 bảng dữ liệu(PDF) 17 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M35045 bảng dữ liệu(HTML) 17 Page - Mitsubishi Electric Semiconductor |
|
17 / 37 page ![]() 17 MITSUBISHI MICROCOMPUTERS M35045-XXXSP/FP SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS DAF DAE DAD DAC DAB DAA DA9 DA8 DA7 DA6 DA5 DA4 DA3 DA2 DA1 DA0 00 00 00 01 00 10 00 00 00 0 DIVS1 DIVS0 DIV10 DIV9 DIV8 DIV7 DIV6 DIV5 DIV4 DIV3 DIV2 DIV1 DIV0 00 PTD7 PTD6 1 PTD4 1 PTD2 11 10 10 11 0 0 0 0 0 0 HP9 HP8 HP7 HP6 HP5 HP4 HP3 HP2 HP1 HP0 0 0 0 0 0 0 VP9 VP8 VP7 VP6 VP5 VP4 VP3 VP2 VP1 VP0 00 00 00 00 00 00 00 00 00 00 00 00 00 00 00 00 00 00 00 00 00 00 00 00 00 00 00 00 00 00 00 00 00 00 00 01 01 1 POLH POLV 00 0 0BB BG BR BLINK B G R C7 C6C5 C4C3 C2C1C0 0BB BG BR BLINK B G R C7 C6C5 C4C3 C2C1C0 00 00 00 01 00 10 10 00 00 00 01 00 01 1 POLH POLV 00 0 1 2 3 4 5 6 7 8 9 10 11 12 297 298 299 300 DATA INPUT EXAMPLE Data of display RAM and display control registers can be set by the serial input function. Example of data setting is shown in Figure 5. Example of data setting by the serial input function (M35045-XXXSP/FP) address 12016 data 12016 data 12116 data 12216 data 12316 data 12416 data 12516 data 12616 data 12716 data 12816 data 00016 data 11F16 address 12816 data 12816 200 msec hold 200 msec hold Character background color Character color Character code Notes 1: Input horizontal synchronous signal to HOR pin. 2: Matrix-outline display in this data. Fig. 5 Example of data setting by the serial input function Addition System set-up Address set Setting frequency dividing value (Note 1) Output setting Horizontal display location setting Vertical display location setting Display form setting Character size setting Character size setting Color, character size setting Display OFF, display form (Note 2) Character setting Address setting Display ON, display form (Note 2) Blink- ing |