| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLV707P bảng dữ liệu(PDF) 27 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLV707P bảng dữ liệu(HTML) 27 Page - Texas Instruments |
|
27 / 42 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 13-Mar-2015 Addendum-Page 2 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples TLV707185DQNT ACTIVE X2SON DQN 4 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 ZN TLV707185PDQNR ACTIVE X2SON DQN 4 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 B1 TLV707185PDQNT ACTIVE X2SON DQN 4 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 B1 TLV70718DQNR ACTIVE X2SON DQN 4 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 ZC TLV70718DQNT ACTIVE X2SON DQN 4 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 ZC TLV70718PDQNR ACTIVE X2SON DQN 4 3000 Green (RoHS & no Sb/Br) CU NIPDAU | CU NIPDAUAG Level-1-260C-UNLIM -40 to 85 SB TLV70718PDQNT ACTIVE X2SON DQN 4 250 Green (RoHS & no Sb/Br) CU NIPDAU | CU NIPDAUAG Level-1-260C-UNLIM -40 to 85 SB TLV70719PDQNR ACTIVE X2SON DQN 4 3000 Green (RoHS & no Sb/Br) CU NIPDAU | CU NIPDAUAG Level-1-260C-UNLIM -40 to 85 ZM TLV70719PDQNT ACTIVE X2SON DQN 4 250 Green (RoHS & no Sb/Br) CU NIPDAU | CU NIPDAUAG Level-1-260C-UNLIM -40 to 85 ZM TLV70725DQNR ACTIVE X2SON DQN 4 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 BM TLV70725DQNT ACTIVE X2SON DQN 4 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 BM TLV70725PDQNT ACTIVE X2SON DQN 4 250 Green (RoHS & no Sb/Br) CU NIPDAU | CU NIPDAUAG Level-1-260C-UNLIM -40 to 85 AT TLV70726DQNR ACTIVE X2SON DQN 4 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 RF TLV70726DQNT ACTIVE X2SON DQN 4 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 RF TLV70726PDQNT ACTIVE X2SON DQN 4 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 SC TLV707285DQNR ACTIVE X2SON DQN 4 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 RZ TLV707285DQNT ACTIVE X2SON DQN 4 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 RZ TLV707285PDQNR ACTIVE X2SON DQN 4 3000 Green (RoHS & no Sb/Br) CU NIPDAU | CU NIPDAUAG Level-1-260C-UNLIM -40 to 85 XE |