| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MAX4581C/D bảng dữ liệu(PDF) 16 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX4581C/D bảng dữ liệu(HTML) 16 Page - Maxim Integrated Products |
|
16 / 16 page ![]() Low-Voltage, CMOS Analog Multiplexers/Switches Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time. 16 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 © 1999 Maxim Integrated Products Printed USA is a registered trademark of Maxim Integrated Products. ____Chip Topographies (continued) TRANSISTOR COUNT: 219 SUBSTRATE CONNECTED TO V+. Z1 Z Z0 Enable N.C. X VCC VEE GND C B Y1 Y0 Y X1 X0 A 0.053" (1.35mm) 0.069" (1.75mm) MAX4583 N.C. = NO CONNECTION ________________________________________________________Package Information |