| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MAX4331 bảng dữ liệu(PDF) 9 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX4331 bảng dữ liệu(HTML) 9 Page - Maxim Integrated Products |
|
9 / 16 page ![]() Single/Dual/Quad, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown _______________________________________________________________________________________ 9 Pin Description VEE 4 2 OUT 6 1 4 4 — — 11 4 — — MAX4333 Negative Supply. Ground for single- supply operation. Output IN- 2 4 IN+ 3 3 — — — — — — — — Inverting Input Noninverting Input IN1+, IN2+ — — OUT1, OUT2 — — 3, 7 3, 5 1, 9 1, 7 3, 5 3, 11 1, 7 1, 13 Noninverting Inputs to Amplifiers 1 and 2 Outputs for Amplifiers 1 and 2 N.C. 1, 5 — VCC 7 5 — — 10 8 — 5, 7, 8, 10 4 14 No Connection. Not internally connected. Positive Supply SHDN 8 — IN1-, IN2- — — — — 2, 8 2, 6 — — 2, 6 2, 12 Shutdown Input for Amplifier. Drive low for shutdown mode. Drive high or connect to VCC for normal operation. Inverting Inputs to Amplifiers 1 and 2 IN3+, IN4+ — — IN3-, IN4- — — — — — — 10, 12 — 9, 13 — Noninverting Inputs for Amplifiers 3 and 4 Inverting Inputs for Amplifiers 3 and 4 OUT3, OUT4 — — SHDN1, SHDN2 — — — — 5, 6 — 8, 14 — — 6, 9 Outputs for Amplifiers 3 and 4 Shutdown for Amplifiers 1 and 2. Drive low for shutdown mode. Drive high or connect to VCC for normal operation. NAME 10-Pin µMAX 14-Pin SO MAX4332 MAX4331 MAX4330 MAX4334 FUNCTION PIN |