| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MAX4331EUA bảng dữ liệu(PDF) 2 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX4331EUA bảng dữ liệu(HTML) 2 Page - Maxim Integrated Products |
|
2 / 16 page ![]() Single/Dual/Quad, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown 2 _______________________________________________________________________________________ ABSOLUTE MAXIMUM RATINGS DC ELECTRICAL CHARACTERISTICS (VCC = +2.3V to +6.5V, VEE = 0V, VCM = 0V, VOUT = (VCC / 2), RL tied to (VCC / 2), V SHDN ≥ 2V, TA = +25°C, unless otherwise noted.) Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Supply Voltage, VCC to VEE .....................................................7V IN_+, IN_-, SHDN Voltage................(VEE - 0.3V) to (VCC + 0.3V) Output Short-Circuit Duration.................................... Continuous (short to either supply) Continuous Power Dissipation (TA = +70°C) 5-Pin SOT23 (derate 7.1mW/°C above +70°C).............571mW 8-Pin SO (derate 5.88mW/°C above +70°C).................471mW 8-Pin µMAX (derate 4.10mW/°C above +70°C) ............330mW 10-Pin µMAX (derate 5.60mW/°C above +70°C) ..........444mW 14-Pin SO (derate 8.33mW/°C above +70°C)...............667mW Operating Temperature Ranges MAX433_C/D .......................................................0°C to +70°C MAX433_E_ _....................................................-40°C to +85°C Maximum Junction Temperature .....................................+150°C Storage Temperature Range .............................-65°C to +160°C Lead Temperature (soldering, 10sec) .............................+300°C | VIN+ - VIN- | > 2.5V | VIN+ - VIN- | < 1.4V VEE < VCM < VCC CONDITIONS k Ω 2 RIN(DIFF) Differential Input Resistance M Ω 2.3 nA ±1 ±12 IOS Input Offset Current mV ±0.25 ±0.9 ±0.65 ±1.5 UNITS MIN TYP MAX SYMBOL PARAMETER 71 93 74 93 67 87 68 88 V -0.25 VCC + 0.25 VCM Common-Mode Input Voltage Range V SHDN < 0.8V, VOUT = 0V to VCC µA ±0.1 ±2 IOUT(SHDN) Off-Leakage Current in Shutdown dB 69 92 CMRR Common-Mode Rejection Ratio ±0.65 ±1.5 ±0.25 ±0.6 VOS Input Offset Voltage MAX433_EUA/EUB MAX4330EUK MAX4331ESA MAX4332ESA/ MAX4333ESD MAX4334ESD -0.25V < VCM < (VCC + 0.25V) VCC = 5V VCM = VEE to VCC MAX433_EUA/EUB MAX4331ESA MAX4330EUK VEE < VCM < VCC ±25 ±65 IB Input Bias Current MAX4332ESA/MAX4333ESD MAX433_EUA/EUB 69 90 71 90 64 82 65 84 MAX4330EUK MAX4331ESA MAX4332ESA/ MAX4333ESD dB 66 89 MAX4334ESD MAX433_EUA/EUB VCC = 2.3V to 6.5V PSSR Power-Supply Rejection Ratio 77 90 79 92 76 88 76 88 MAX4330EUK MAX4331ESA MAX4332ESA/ MAX4333ESD dB 75 90 MAX4334ESD VCC = 2.3V ±0.25 ±1.0 MAX4334ESD nA AV = 1 Ω 0.1 ROUT Output Resistance |