| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SCG4540 bảng dữ liệu(PDF) 4 Page - Connor-Winfield Corporation |
|
|
|||||||||||||||||||||||||||||
SCG4540 bảng dữ liệu(HTML) 4 Page - Connor-Winfield Corporation |
|
4 / 16 page ![]() Preliminary Data Sheet #: SG053 Page 4 of 16 Rev: P01 Date: 08/05/02 © Copyright 2002 The Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice NOTES: A Active FR Free Run Mode NA Not Active RA Locked to Reference A RB Locked to Reference B U Unstable (due to conditions shown, switch to active reference or Free Run) X Don’t care Input And Output Characteristics Table 6 Symbol Parameter Minimum Nominal Maximum Units Notes CMOS Input and Output Characteristics V ih High Level Input Voltage 2.0 - 5.5 V V il Low Level Input Voltage 0.0 - 0.8 V T io I/O to Output Valid - - 10 ns C l Output Capacitance - - 10 pF V oh High Level Output Voltage 2.4 - - V V ol Low Level Output Voltage - - 0.4 V T ir Input Reference Pulse Width 12.5 - - ns PECL Output Characteristics V oh High Level PECL Voltage 2.27 2.34 2.52 V V ol Low Level PECL Voltage 1.49 1.51 1.68 V C l Output Capacitance - - 10 pF T skew Differential Output Skew - 50 - ps Input Selection / Output Response Table 7 INPUTS OUTPUTS NOTE RESET ENABLE SEL AB REF A REF B FR FR status ALARM Q QN 1 0 XXXX 1 X X X FR X 1 XXXX X X 0 1 0 0 XXX 1 1 X X X FR 00 0 A A 0 0 0 X X RA 00 1 A A 0 0 0 X X RB 00 0 NA A 0 0 1 X X U 00 1 NA A 0 0 0 X X RB 00 1 A NA 0 0 1 X X U 00 0 A NA 0 0 0 X X RA 00 X NA NA 0 1 1 X X FR |