công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SCG3041 bảng dữ liệu(PDF) 2 Page - Connor-Winfield Corporation

tên linh kiện SCG3041
Giải thích chi tiết về linh kiện  Synchronous Clock Generators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CONNOR-WINFIELD [Connor-Winfield Corporation]
Trang chủ  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SCG3041 bảng dữ liệu(HTML) 2 Page - Connor-Winfield Corporation

  SCG3041 Datasheet HTML 1Page - Connor-Winfield Corporation SCG3041 Datasheet HTML 2Page - Connor-Winfield Corporation SCG3041 Datasheet HTML 3Page - Connor-Winfield Corporation SCG3041 Datasheet HTML 4Page - Connor-Winfield Corporation SCG3041 Datasheet HTML 5Page - Connor-Winfield Corporation SCG3041 Datasheet HTML 6Page - Connor-Winfield Corporation SCG3041 Datasheet HTML 7Page - Connor-Winfield Corporation SCG3041 Datasheet HTML 8Page - Connor-Winfield Corporation SCG3041 Datasheet HTML 9Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Data Sheet #: SG041
Page 2 of 12
Rev: P01
Date: 11/04/02
© Copyright 2002 The Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
Absolute Maximum Rating
Table 1
Symbol
Parameter
Minimum
Nominal
Maximum
Units
Notes
V
CC
Power Supply Voltage
-0.5
4
Volts
1
V
I
Input Voltage
-0.5
5.5
Volts
1
T
S
Storage Temperature
-65
150
deg. C
1
General Description
The SCG3041 is a mixed signal phase locked loop
generating 155.52 MHz LVPECL outputs from an
intrinsically low jitter voltage controlled crystal oscillator.
The SCG3041 is phase locked to an external 19.44 MHz
reference input. The SCG3041 is ideal for applications
using multiplication to obtain higher SONET frequencies.
Functional Block Diagram
Figure 1
Filter
LVPECL
Driver
Low
Jitter
VCXO
Divider
REF
Q1
QN1
Q2
QN2
Q3
The package dimensions are 0.75" x 1.25" x .45" on
a 6 layer, designed impedence, FR4 board with
castellated pins. Parts are assembled using high
temperature solder to withstand surface mount reflow
processes. See Fig. 4 for the solder profile.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com