| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IRF3710ZPBF bảng dữ liệu(PDF) 11 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRF3710ZPBF bảng dữ liệu(HTML) 11 Page - International Rectifier |
|
11 / 12 page ![]() IRF3710Z/S/LPbF www.irf.com 11 Notes: 1. For an Automotive Qualified version of this part please see http://www.irf.com/product-info/auto/ 2. For the most current drawing please refer to IR website at http://www.irf.com/package/ TO-262 Part Marking Information ASSEMBLY LOT CODE RECTIFIER INTERNAT IONAL ASSEMBLED ON WW 19, 1997 Note: "P" in assembly line position indicates "Lead-Free" IN T HE ASSEMBLY LINE "C" LOGO T HIS IS AN IRL3103L LOT CODE 1789 EXAMPLE: LINE C DAT E CODE WEEK 19 YEAR 7 = 1997 PART NUMBER PART NUMBER LOGO LOT CODE ASSEMBLY INT ERNATIONAL RECT IFIER PRODUCT (OPTIONAL) P = DESIGNATES LEAD-F REE A = ASSEMBLY SITE CODE WEEK 19 YEAR 7 = 1997 DATE CODE OR TO-262 Package Outline Dimensions are shown in millimeters (inches) |