| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IRF2807ZPBF bảng dữ liệu(PDF) 10 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRF2807ZPBF bảng dữ liệu(HTML) 10 Page - International Rectifier |
|
10 / 12 page ![]() IRF2807Z/S/LPbF 10 www.irf.com Notes: 1. For an Automotive Qualified version of this part please see http://www.irf.com/product-info/auto/ 2. For the most current drawing please refer to IR website at http://www.irf.com/package/ D2Pak (TO-263AB) Package Outline Dimensions are shown in millimeters (inches) D2Pak (TO-263AB) Part Marking Information DATE CODE YEAR 0 = 2000 WEEK 02 A = ASSEMBLY SITE CODE RECTIFIER INTERNATIONAL PART NUMBER P = DESIGNATES LEAD - FREE PRODUCT (OPTIONAL) F530S IN THE ASSEMBLY LINE "L" ASSEMBLED ON WW 02, 2000 THIS IS AN IRF530S WITH LOT CODE 8024 INTERNATIONAL LOGO RECTIFIER LOT CODE ASSEMBLY YEAR 0 = 2000 PART NUMBER DATE CODE LINE L WEEK 02 OR F530S LOGO ASSEMBLY LOT CODE |