công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AFCT-5705LZ bảng dữ liệu(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

tên linh kiện AFCT-5705LZ
Giải thích chi tiết về linh kiện  Optical Transceivers with Optional DMI for Gigabit Ethernet Fibre Channel
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Trang chủ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFCT-5705LZ bảng dữ liệu(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFCT-5705LZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705LZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705LZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705LZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705LZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705LZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705LZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705LZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705LZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
Table 2. Pin description
Pin
Name
Function/Description
Engagement
Order(insertion)
Notes
1
VeeT
Transmitter Ground
1
2
TX Fault
Transmitter Fault Indication
3
1
3
TX Disable
Transmitter Disable - Module disables on high or open
3
2
4
MOD-DEF2
Module Definition 2 - Two wire serial ID interface
3
3
5
MOD-DEF1
Module Definition 1 - Two wire serial ID interface
3
3
6
MOD-DEF0
Module Definition 0 - Grounded in module
3
3
7
Rate Selection
Not Connected
3
8
LOS
Loss of Signal
3
4
9
VeeR
Receiver Ground
1
10
VeeR
Receiver Ground
1
11
VeeR
Receiver Ground
1
12
RD-
Inverse Received Data Out
3
5
13
RD+
Received Data Out
3
5
14
VeeR
Reciver Ground
1
15
VccR
Receiver Power -3.3 V ±5%
2
6
16
VccT
Transmitter Power -3.3 V ±5%
2
6
17
VeeT
Transmitter Ground
1
18
TD+
Transmitter Data In
3
7
19
TD-
Inverse Transmitter Data In
3
7
20
VeeT
Transmitter Ground
1
Notes:
1. TX Fault is an open collector/drain output which should be pulled up externally with a 4.7K
 – 10 K resistor on the host board to a supply
<VccT+0.3 V or VccR+0.3 V. When high, this output indicates a laser fault of some kind. Low indicates normal operation. In the low state, the
output will be pulled to < 0.8 V.
2. TX disable input is used to shut down the laser output per the state table below. It is pulled up within the module with a 4.7-10 K
 resistor.
Low (0 – 0.8 V): Transmitter on
Between (0.8 V and 2.0 V): Undefined
High (2.0 – 3.465 V): Transmitter Disabled
Open: Transmitter Disabled
3. Mod-Def 0,1,2. These are the module definition pins. They should be pulled up with a 4.7-10 K
 resistor on the host board to a supply less
than VccT +0.3 V or VccR+0.3 V.
Mod-Def 0 is grounded by the module to indicate that the module is present
Mod-Def 1 is clock line of two wire serial interface for optional serial ID
Mod-Def 2 is data line of two wire serial interface for optional serial ID
4. LOS (Loss of Signal) is an open collector/drain output which should be pulled up externally with a 4.7 K
 – 10 K resistor on the host board to
a supply < VccT,R+0.3 V. When high, this output indicates the received optical power is below the worst case receiver sensitivity (as defined by
the standard in use). Low indicates normal operation. In the low state, the output will be pulled to < 0.8 V.
5. RD-/+: These are the differential receiver outputs. They are AC coupled 100
 differential lines which should be terminated with 100  differ-
ential at the user SERDES. The AC coupling is done inside the module and is thus not required on the host board. The voltage swing on these
lines must be between 370 and 2000 mV differential (185 – 1000 mV single ended) according to the MSA. Typically it will be 1500mv differen-
tial.
6. VccR and VccT are the receiver and transmitter power supplies. They are defined as 3.135 – 3.465 V at the SFP connector pin. The in-rush
current will typically be no more than 30 mA above steady state supply current after 500 nanoseconds.
7. TD-/+: These are the differential transmitter inputs. They are AC coupled differential lines with 100
 differential termination inside the
module. The AC coupling is done inside the module and is thus not required on the host board. The inputs will accept differential swings of
500 – 2400 mV (250 – 1200 mV single ended). However, the applicable recommended differential voltage swing is found in Table 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com