| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AFCT-5705APZ bảng dữ liệu(PDF) 16 Page - AVAGO TECHNOLOGIES LIMITED |
|
|
|||||||||||||||||||||||||||||
AFCT-5705APZ bảng dữ liệu(HTML) 16 Page - AVAGO TECHNOLOGIES LIMITED |
|
16 / 20 page ![]() 16 Table 13. EEPROM Serial ID Memory Contents - Address A2h, Byte 110 (AFCT-5705Z family only) Bit # Status/Control Name Description 7 Tx Disable State Digital state of SFP Tx Disable Input Pin (1 = Tx_ Disable asserted) 6 Soft Tx Disable Read/write bit for changing digital state of SFP Tx_Disable function1 5 Reserved 4 Rx Rate Select State Digital state of SFP Rate Select Input Pin (1 = full bandwidth of 155 Mbit)2 3 Reserved 2 Tx Fault State Digital state of the SFP Tx Fault Output Pin (1 = Tx Fault asserted) 1 Rx LOS State Digital state of the SFP LOS Output Pin (1 = LOS asserted) 0 Data Ready (Bar) Indicates transceiver is powered and real time sense data is ready (0 = Ready) Notes: 1. Bit 6 is logic OR’d with the SFP Tx_Disable input pin 3 ... either asserted will disable the SFP transmitter. 2. AFCT-5705Z does not respond to state changes on Rate Select Input Pin. It is internally hardwired to full bandwidth. Table 14. EEPROM Serial ID Memory Contents - Address A2h, Bytes 112, 113, 116, 117 (AFCT-5705Z family only) Byte Bit # Flag Bit Name Description 112 7 Temp High Alarm Set when transceiver nternal temperature exceeds high alarm threshold. 6 Temp Low Alarm Set when transceiver internal temperature exceeds alarm threshold. 5VCC High Alarm Set when transceiver internal supply voltage exceeds high alarm threshold. 4VCC Low Alarm Set when transceiver internal supply voltage exceeds low alarm threshold. 3 Tx Bias High Alarm Set when transceiver laser bias current exceeds high alarm threshold. 2 Tx Bias Low Alarm Set when transceiver laser bias current exceeds low alarm threshold. 1 Tx Power High Alarm Set when transmitted average optical power exceeds high alarm threshold. 0 Tx Power Low Alarm Set when transmitted average optical power exceeds low alarm threshold. 113 7 Rx Power High Alarm Set when received P_Avg optical power exceeds high alarm threshold. 6 Rx Power Low Alarm Set when received P_Avg optical power exceeds low alarm threshold. 0-5 Reserved 116 7 Temp High Warning Set when transceiver internal temperature exceeds high warning threshold. 6 Temp Low Warning Set when transceiver internal temperature exceeds low warning threshold. 5VCC High Warning Set when transceiver internal supply voltage exceeds high warning threshold. 4VCC Low Warning Set when transceiver internal supply voltage exceeds low warning threshold. 3 Tx Bias High Warning Set when transceiver laser bias current exceeds high warning threshold. 2 Tx Bias Low Warning Set when transceiver laser bias current exceeds low warning threshold. 1 Tx Power High Warning Set when transmitted average optical power exceeds high warning threshold. 0 Tx Power Low Warning Set when transmitted average optical power exceeds low warning threshold. 117 7 Rx Power High Warning Set when received P_Avg optical power exceeds high warning threshold. 9 Rx Power Low Warning Set when received P_Avg optical power exceeds low warning threshold. 0-5 Reserved |
|
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |