| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AFCP-R4X25PL bảng dữ liệu(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED |
|
|
|||||||||||||||||||||||||||||
AFCP-R4X25PL bảng dữ liệu(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED |
|
|
1 / 1 page ![]() AFCP-R4X25PL-Series 4x25Gb/s ROSA for 100 Gigabit Ethernet Product Brief Description Avago Technologies’ AFCP-R4X25PL-Series ROSA is a 4x25Gb/s, 1310nm LAN WDM receive optical sub- assembly, containing an optical de-multiplexer, to separate the four incoming wavelengths, four high reliability, high performance PIN photodiodes, and a quad transimpedance amplifier (TIA). These are packaged in an hermetic, planar package with an LC receptacle. The electrical interface is via two flex cir- cuits. The ROSA is intended for use in CFP, CFP2 and CFP4 modules serving links at 4 x 25.78125 Gb/s, per 100GBASE-LR4. Features • Integrated 1:4 optical de-multiplexer/ filter • Four high reliability, high performance PIN detectors • Transimpedance amplifier (TIA) array • 25.78125 Gb/s per channel operation - Capable of 27.952Gb/s operation • Planar body compatible with CFP, CFP2 and CFP4 • Flex circuit electrical interface • LAN WDM Wavelengths For product information and a complete list of distributors, please go to our web site: www.avagotech.com Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries. Data subject to change. Copyright © 2005-2014 Avago Technologies. All rights reserved. AV02-4459EN - March 4, 2014 |
Số phần tương tự - AFCP-R4X25PL |
|
Mô tả tương tự - AFCP-R4X25PL |