công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IR3447M bảng dữ liệu(PDF) 13 Page - International Rectifier

tên linh kiện IR3447M
Giải thích chi tiết về linh kiện  Single 5V to 21V application
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IRF [International Rectifier]
Trang chủ  http://www.irf.com
Logo IRF - International Rectifier

IR3447M bảng dữ liệu(HTML) 13 Page - International Rectifier

Back Button IR3447M Datasheet HTML 9Page - International Rectifier IR3447M Datasheet HTML 10Page - International Rectifier IR3447M Datasheet HTML 11Page - International Rectifier IR3447M Datasheet HTML 12Page - International Rectifier IR3447M Datasheet HTML 13Page - International Rectifier IR3447M Datasheet HTML 14Page - International Rectifier IR3447M Datasheet HTML 15Page - International Rectifier IR3447M Datasheet HTML 16Page - International Rectifier IR3447M Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
IR3447
13
www.irf.com
© 2014 International Rectifier
Submit Datasheet Feedback
June 18, 2015
THERMAL DERATING CURVES
Measurements are done on IR3447 Evaluation board. PCB is a 6 layer board with 2 oz copper and FR4 material.
Vin=PVin=12V, Vout =1.2V, VCC=internal LDO (6.8V), Fs = 600kHz
Vin=PVin=12V, Vout =5.0V, VCC=internal LDO (6.8V), Fs = 600kHz
Note: International Rectifier Corporation specifies current rating of SupIRBuck devices conservatively.
The
continuous current load capability might be higher than the rating of the device if input voltage is 12V typical and
switching frequency is below 600kHz. However, the maximum current is limited by the internal current limit and
designers need to consider enough guard bands between load current and minimum current limit to guarantee
that the device does not trip at steady state condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com