công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PEX8613 bảng dữ liệu(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

tên linh kiện PEX8613
Giải thích chi tiết về linh kiện  PCIe Gen 2, 5.0GT/s 12-lane, 3-port Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Trang chủ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

PEX8613 bảng dữ liệu(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  PEX8613 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED PEX8613 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED PEX8613 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED PEX8613 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Memory
Memory
Memory
Memory
PEX 8613
PEX 8613
PEX 8613
PEX 8613
x4
x4
x16
x16
Endpoint
Endpoint
CPU
CPU
CPU
CPU
CPU
CPU
CPU
CPU
Chip Set
Chip Set
Chip Set
Chip Set
x4
Figure 3. Fan-in/out Usage
Network Interface Cards
The PEX 8613 can also be utilized in communications
applications such as Network Interface Cards (NICs).
NICs, like the one shown in Figure 4, can utilize the
PEX 8613 for its fan-out capabilities. In the example
below, the PEX 8613 is being used on a Dual-port 10-
Gigabit Ethernet (GE) NIC card. The PEX 8613 utilizes
a x4 link to connect to the host and two x4 downstream
links to fan-out to the 10GE ports. The peer-to-peer
communication feature of the PEX 8613 allows the
endpoints to communicate with each other without any
intervention or management by the host.
Dual-Port NIC
Dual-Port NIC
10 GE
MAC/PHY
MAC/PHY
x4
x4
x4
PEX 8613
PEX 8613
PEX 8613
PEX 8613
10 GE
Figure 4. 10GE NIC Fan-Out
Embedded Systems
The PEX 8613 is well suited for embedded applications
as well. Embedded applications, like the example shown
in Figure 5, commonly use a number of independent
modules for functions such as control plane processing,
data acquisition, or image processing to name a few
possibilities. Figure 5 represents an embedded system
utilizing a PEX 8613 to fan-out to two ASICs/FPGAs.
FPGA
FPGA
ASIC
ASIC
PEX 8613
PEX 8613
PEX 8613
PEX 8613
CPU
CPU
CPU
CPU
CPU
CPU
CPU
CPU
memory
Chipset
Chipset
Figure 5. Embedded Systems
Failover Storage Systems
The PEX 8613’s Dual Cast feature proves to be very
useful in storage systems. In the example shown in
Figure 6, the Dual Cast feature enables the PEX 8613 to
copy data coming from the host to two downstream ports
(see yellow traffic patterns) in one transaction as
opposed to having to execute two separate transactions
to send data to the backup chassis. By offloading the
task of backing up data onto the secondary system,
processor and system performance is enhanced.
PEX 8613
PEX 8613
8 Disk Chassis
FC
FC
x4
x4
FC
FC
PEX 8613
PEX 8613
8 Disk Chassis
FC
FC
x4
x4
FC
FC
PEX 8613
PEX 8613
PEX 8613
PEX 8613
8 Disk Chassis
FC
FC
x4
x4
FC
FC
PEX 8613
PEX 8613
8 Disk Chassis
FC
FC
x4
x4
FC
FC
PEX 8613
PEX 8613
PEX 8613
PEX 8613
CPU
CPU
CPU
CPU
CPU
CPU
CPU
CPU
Memory
Memory
Chipset
Chipset
Figure 6. Dual Cast in Storage Systems



Html Pages

1 2 3 4