công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MAX1658C/D bảng dữ liệu(PDF) 9 Page - Maxim Integrated Products

tên linh kiện MAX1658C/D
Giải thích chi tiết về linh kiện  350mA, 16.5V Input, Low-Dropout Linear Regulators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAXIM [Maxim Integrated Products]
Trang chủ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1658C/D bảng dữ liệu(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1658C/D Datasheet HTML 4Page - Maxim Integrated Products MAX1658C/D Datasheet HTML 5Page - Maxim Integrated Products MAX1658C/D Datasheet HTML 6Page - Maxim Integrated Products MAX1658C/D Datasheet HTML 7Page - Maxim Integrated Products MAX1658C/D Datasheet HTML 8Page - Maxim Integrated Products MAX1658C/D Datasheet HTML 9Page - Maxim Integrated Products MAX1658C/D Datasheet HTML 10Page - Maxim Integrated Products MAX1658C/D Datasheet HTML 11Page - Maxim Integrated Products MAX1658C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
__________Applications Information
Output Capacitor Selection and Stability
To maintain stability, connect a
≥10µF capacitor with
less than 200m
Ω equivalent series resistance (ESR)
from OUT to GND. Larger output capacitors improve
load-transient response. Currents lower than 350mA
make the use of smaller output capacitors possible.
Table 1 shows the maximum output current typically
achieved using various output capacitors. Output volt-
ages higher than 3.3V require less output capacitance
to remain stable.
Table 1. Typical Load Current Capabilities
Input Bypass Capacitor
The use of a 0.1µF to 10µF input bypass capacitor is
recommended. Larger capacitors provide better sup-
ply-noise rejection and line-transient response, as well
as improved performance when the supply has a high
AC impedance. Polarized input bypass capacitors will
be damaged under reverse battery conditions. If
reverse input voltages are expected, use a non-polar-
ized capacitor at the input.
Noise and PSRR
The MAX1658/MAX1659 exhibit 2.5mVp-p of noise dur-
ing normal operation. This noise level is negligible in
most applications.
The MAX1658/MAX1659 are designed to maintain
excellent power-supply rejection (55dB) at 50Hz/60Hz
(or 50dB at 120Hz). These regulators are ideal for wall-
cube applications that may contain significant ripple.
Larger input and output capacitors will further improve
the circuit’s AC response. See the Power-Supply
Rejection Ratio vs. Frequency graphs in the
Typical
Operating Characteristics.
350mA, 16.5V Input,
Low-Dropout Linear Regulators
_______________________________________________________________________________________
9
OUTPUT CAPACITOR
0mA to 120mA
2.2µF tantalum
LOAD CURRENT RANGE
0mA to 250mA
4.7µF tantalum
0mA to 350mA
10µF tantalum
___________________Chip Information
TRANSISTOR COUNT: 207



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12