công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HSMS-2829 bảng dữ liệu(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

tên linh kiện HSMS-2829
Giải thích chi tiết về linh kiện  Surface Mount RF Schottky Barrier Diodes
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Trang chủ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMS-2829 bảng dữ liệu(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HSMS-2829 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMS-2829 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMS-2829 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMS-2829 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMS-2829 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMS-2829 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMS-2829 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HSMS-2829 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HSMS-2829 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
Note 3. Hans Eriksson and Raymond W. Waugh, “A Temperature Compensated Linear Diode Detector,” to be published.
Figure 14. Fabrication of Avago Diode Pairs.
However, care must be taken to assure that the two refer‑
ence diodes closely match the two detector diodes. One
possible configuration is given in Figure  16, using two
HSMS‑2825. Board space can be saved through the use of
the HSMS‑282P open bridge quad, as shown in Figure 17.
While the differential detector works well over tempera‑
ture, another design approach[3] works well for large signal
detectors. See Figure 18 for the schematic and a physical
layout of the circuit. In this design, the two 4.7 KΩ resis‑
tors and diode D2 act as a variable power divider, assuring
constant output voltage over temperature and improving
output linearity.
Figure 15. High Power Differential Detector.
The concept of the voltage doubler can be applied to the
differential detector, permitting twice the output voltage
for a given input power (as well as improving input im‑
pedance and suppressing second harmonics).
Figure 16. Voltage Doubler Differential Detector.
Figure 18. Temperature Compensated Detector.
Figure 17. Voltage Doubler Differential Detector.
PA
detector diode
reference diode
to differential amplifier
Vbias
HSMS-282K
matching
network
differential
amplifier
HSMS-2825
HSMS-2825
bias
differential
amplifier
HSMS-282P
bias
matching
network
RFin
Vo
D1
33 pF
HSMS-2825
or
HSMS-282K
HSMS-282K
4.7 K
33 pF
4.7 K
4.7 K
D2
68
68
RFin
Vo
In high power applications, coupling of RF energy from
the detector diode to the reference diode can introduce
error in the differential detector. The HSMS‑282K diode
pair, in the six lead SOT‑363 package, has a copper bar
between the diodes that adds 10 dB of additional isola‑
tion between them. As this part is manufactured in the
SOT‑363 package it also provides the benefit of being 40%
smaller than larger SOT‑143 devices. The HSMS‑282K is il‑
lustrated in Figure 15—note that the ground connections
must be made as close to the package as possible to min‑
imize stray inductance to ground.
In certain applications, such as a dual‑band cellphone
handset operating at both 900 and 1800  MHz, the sec‑
ond harmonics generated in the power control output
detector when the handset is working at 900 MHz can
cause problems. A filter at the output can reduce unwant‑
ed emissions at 1800 MHz in this case, but a lower cost
solution is available[4]. Illustrated schematically in Figure
19, this circuit uses diode D2 and its associated passive
components to cancel all even order harmonics at the de‑
tector’s RF input. Diodes D3 and D4 provide temperature
compensation as described above. All four diodes are con‑
tained in a single HSMS‑ 282R package, as illustrated in
the layout shown in Figure 20.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com