công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MGA-43024 bảng dữ liệu(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

tên linh kiện MGA-43024
Giải thích chi tiết về linh kiện  2.4 GHz WLAN Power Amplifier Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Trang chủ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-43024 bảng dữ liệu(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  MGA-43024 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED MGA-43024 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED MGA-43024 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED MGA-43024 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED MGA-43024 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-43024 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-43024 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-43024 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-43024 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
Absolute Maximum Rating [1] TA= 25 °C
Symbol
Parameter
Units
Absolute Max.
Vdd, VddBias
Supply voltages, bias supply voltage
V
5.5
Vc
Control voltage
V
(Vdd)
Pin,max
CW RF Input Power
dBm
20
Pdiss
Total Power Dissipation [3]
W
6.0
Tj
Junction Temperature
°C
150
TSTG
Storage Temperature
°C
-65 to 150
Thermal Resistance [2,3]
qJC = 13 °C/W
Notes:
1. Operation of this device in excess of any
of these limits may cause permanent
damage.
2. Thermal resistance measured using Infra-
Red Measurement Technique.
3. Board temperature (TC) is 25 °C , for TC
> 72
°C derate the device power at 77
mW per °C rise in board (package belly)
temperature.
Electrical Specifications
TA = 25 °C, Vdd = Vddbias=5.0 V, Vc1=2.0 V, Vc2=2.2 V, Vc3=2.0 V, RF performance at 2442 MHz, IEEE 802.11n 64-QAM, 20 MHz
Bandwidth, MCS 7, 800 ns Guard Interval, unless otherwise stated.
Symbol
Parameter and Test Condition
Units
Min.
Typ.
Max.
Vdd
Supply Voltage
V
5.0
Idq
Quiescent Supply Current
mA
250
480
650
Iddtotal
Total Supply Current at linear output 21 dBm (2412 MHz)
mA
400
540
800
Total Supply Current at linear output 21 dBm (2462 MHz)
mA
400
550
800
Total Supply Current at linear output 27 dBm
mA
700
S21
Small Signal Gain
dB
40.5
|S11|
Input Return Loss, 50
Ω source
dB
12.5
|S22|
Output Return Loss, 50
Ω source
dB
13.5
OP1dB
Output Power at 1 dB Gain Compression
dBm
36
PAE
Power Added Efficiency at linear output 21 dBm (2412 MHz)
%
4.4
Power Added Efficiency at linear output 21 dBm (2462 MHz)
%
5.2
Power Added Efficiency at linear output 27 dBm
%
14.8
2fo
2nd Harmonic Distortion at 27 dBm
dBc
-34.6
3fo
3rd Harmonic Distortion at 27 dBm
dBc
-53.3
Linear Pout
Restricted Band Emission (RBE) @ 21 dBm at 2390 MHz (2412 MHz)
dBm
-50.5
-48
Restricted Band Emission (RBE) @ 21 dBm at 2483.5 MHz (2462 MHz) dBm
-50.5
-48
Error Vector Magnitude at 2.5%
dBm
27.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com