| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IRGP4063DPBF bảng dữ liệu(PDF) 10 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRGP4063DPBF bảng dữ liệu(HTML) 10 Page - International Rectifier |
|
10 / 11 page ![]() 10 www.irf.com © 2013 International Rectifier March 15, 2013 IRGP4063DPbF/IRGP4063D-EPbF TO-247AC package is not recommended for Surface Mount Application. TO-247AC Part Marking Information TO-247AC Package Outline Dimensions are shown in millimeters (inches) YEAR 1 = 2001 DATE CODE PART NUMBER INTERNATIONAL LOGO RECTIFIER ASSEMBLY 56 57 IRFPE30 135H LINE H indicates "Lead-Free" WEEK 35 LOT CODE IN THE ASSEMBLY LINE "H" ASSEMBLED ON WW 35, 2001 Note: "P" in assembly line position EXAMPLE: WITH ASSEMBLY THIS IS AN IRFPE30 LOT CODE 5657 Note: For the most current drawing please refer to IR website at http://www.irf.com/package/ |