| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MAX038C/D bảng dữ liệu(PDF) 3 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX038C/D bảng dữ liệu(HTML) 3 Page - Maxim Integrated Products |
|
3 / 16 page ![]() High-Frequency Waveform Generator _______________________________________________________________________________________ 3 ELECTRICAL CHARACTERISTICS (continued) (Circuit of Figure 1, GND = DGND = 0V, V+ = DV+ = 5V, V- = -5V, VDADJ = VFADJ = VPDI = VPDO = 0V, CF = 100pF, RIN = 25kΩ, RL = 1kΩ, CL = 20pF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) Note 1: Guaranteed by duty-cycle test on square wave. Note 2: VREF is independent of V-. PARAMETER DADJ Nonlinearity SYMBOL MIN TYP MAX dc/VFADJ 2 4 UNITS % Duty Cycle dcSYNC 50 % Fall Time tF 10 ns Rise Time tR 10 ns Change in Output Frequency with DADJ DADJ Input Current IDADJ 190 250 320 µA DADJ Voltage Range VDADJ ±2.3 V Fo/VDADJ ±2.5 ±8 % Duty-Cycle Adjustment Range dc 15 85 % Maximum DADJ Modulating Frequency FDC 2 MHz Output Low Voltage FADJ Input Current IFADJ 190 250 320 µA FADJ Voltage Range VFADJ ±2.4 V Frequency Sweep Range VOL 0.3 0.4 V Fo ±70 % FM Nonlinearity with FADJ Output High Voltage Fo/VFADJ ±0.2 % VOH 2.8 3.5 V Change in Duty Cycle with FADJ dc/VFADJ ±2 % Output Voltage VREF 2.48 2.50 2.52 V CONDITIONS -2V ≤ VDADJ ≤ 2V 90% to 10%, RL = 3kΩ, CL = 15pF 10% to 90%, RL = 3kΩ, CL = 15pF -2V ≤ VDADJ ≤ 2V -2.3V ≤ VDADJ ≤ 2.3V ISINK = 3.2mA -2.4V ≤ VFADJ ≤ 2.4V -2V ≤ VFADJ ≤ 2V ISOURCE = 400µA -2V ≤ VFADJ ≤ 2V IREF = 0 Temperature Coefficient VREF/°C 20 ppm/°C 0mA ≤ IREF ≤ 4mA (source) 1 2 Load Regulation VREF/IREF -100µA ≤ IREF ≤ 0µA (sink) 1 4 mV/mA Line Regulation VREF/V+ 4.75V ≤ V+ ≤ 5.25V (Note 2) 1 2 mV/V Input Low Voltage VIL 0.8 V Input High Voltage VIH 2.4 V Input Current (A0, A1) IIL, IIH VA0, VA1 = VIL, VIH ±5 µA Input Current (PDI) IIL, IIH VPDI = VIL, VIH ±25 µA Positive Supply Voltage V+ 4.75 5.25 V SYNC Supply Voltage DV+ 4.75 5.25 V Negative Supply Voltage V- -4.75 -5.25 V Positive Supply Current I+ 35 45 mA SYNC Supply Current IDV+ 1 2 mA Negative Supply Current I- 45 55 mA Maximum FADJ Modulating Frequency FF 2 MHz SYNC OUTPUT DUTY-CYCLE ADJUSTMENT (DADJ) FREQUENCY ADJUSTMENT (FADJ) VOLTAGE REFERENCE LOGIC INPUTS (A0, A1, PDI) POWER SUPPLY |