| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DG412C/D bảng dữ liệu(PDF) 3 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
DG412C/D bảng dữ liệu(HTML) 3 Page - Maxim Integrated Products |
|
3 / 12 page ![]() IN = 2.4V, all others = 0.8V Improved, Quad, SPST Analog Switches _______________________________________________________________________________________ 3 ELECTRICAL CHARACTERISTICS—Dual Supplies (continued) (V+ = 15V, V- = -15V, VL = 5V, GND = 0V, VINH = 2.4V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted.) ns ns -5 5 TA = TMIN to TMAX -5 5 TA = TMIN to TMAX TA = +25°C -5 5 TA = TMIN to TMAX -5 5 TA = TMIN to TMAX TA = +25°C TA = +25°C TA = +25°C TA = +25°C TA = +25°C TA = +25°C TA = +25°C TA = TMIN to TMAX TA = +25°C TA = TMIN to TMAX TA = +25°C TA = +25°C IN = 0.8V, all others = 2.4V TA = +25°C CONDITIONS TA = +25°C -1 -0.0001 1 All channels on or off, V+ = 16.5V, V- = -16.5V, VIN = 0V or 5V All channels on or off, V+ = 16.5V, V- = -16.5V, VIN = 0V or 5V All channels on or off, V+ = 16.5V, V- = -16.5V, VIN = 0V or 5V pF 35 f = 1MHz, Figure 8 CD(ON) + CS(ON) Drain-On Capacitance pF 9 f = 1MHz, Figure 7 CD(OFF) Drain-Off Capacitance pF 9 f = 1MHz, Figure 7 CS(OFF) Source-Off Capacitance dB 85 RL = 50 Ω, CL = 5pF, f = 1MHz, Figure 6 Crosstalk (Note 6) dB 68 RL = 50 Ω, CL = 5pF, f = 1MHz, Figure 5 OIRR Off Isolation (Note 5) pC 510 CL = 1.0nF, VGEN = 0V, RGEN = 0 Ω, Figure 4 Q Charge Injection (Note 3) ns 25 DG413 only, RL = 300 Ω, CL = 35pF, Figure 3 tD Break-Before-Make Time Delay VD = ±10V, Figure 2 VD = ±10V, Figure 2 160 tOFF Turn-Off Time 100 145 220 tON Turn-On Time µA -0.500 0.005 0.500 IINH 110 175 Input Current with Input Voltage High -1 -0.0001 1 µA IGND Ground Current µA -1 0.0001 1 IL Logic Supply Current µA -1 0.0001 1 I+ Positive Supply Current µA µA -0.500 0.005 0.500 IINL Input Current with Input Voltage Low All channels on or off, V+ = 16.5V, V- = -16.5V, VIN = 0V or 5V V I- Negative Supply Current ±4.5 ±20.0 Power-Supply Range UNITS MIN TYP MAX (Note 2) SYMBOL PARAMETER INPUT SUPPLY DYNAMIC |