công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA8596 bảng dữ liệu(PDF) 13 Page - NXP Semiconductors

tên linh kiện TDA8596
Giải thích chi tiết về linh kiện  I2C-bus controlled 4 쨈 45 W power amplifier with symmetrical inputs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8596 bảng dữ liệu(HTML) 13 Page - NXP Semiconductors

Back Button TDA8596_15 Datasheet HTML 9Page - NXP Semiconductors TDA8596_15 Datasheet HTML 10Page - NXP Semiconductors TDA8596_15 Datasheet HTML 11Page - NXP Semiconductors TDA8596_15 Datasheet HTML 12Page - NXP Semiconductors TDA8596_15 Datasheet HTML 13Page - NXP Semiconductors TDA8596_15 Datasheet HTML 14Page - NXP Semiconductors TDA8596_15 Datasheet HTML 15Page - NXP Semiconductors TDA8596_15 Datasheet HTML 16Page - NXP Semiconductors TDA8596_15 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
TDA8596_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 8 November 2007
13 of 48
NXP Semiconductors
TDA8596
I2C-bus controlled 4
× 45 W power amplifier with symmetrical inputs
When the SVR capacitor has discharged, the amplifier will only start-up again when the
supply voltage VP increases above the low VP mute threshold, typically 7.5 V. Below this
threshold, the outputs of the amplifier remain low. In I2C-bus mode, a supply voltage drop
below VP(reset), typically 5 V will result in setting bit DB2[D7]. In this condition the amplifier
will wait for an I2C-bus command in order to start-up.
The TDA8596 prevents internally induced output pops during engine start. In order to
prevent pops on the output caused by the application (e.g. due to the tuner supply going
out of regulation), the STB pin can be pulled LOW when an engine start is detected. The
STB pin will activate the fast mute within 0.1 ms and consequently all disturbances at the
amplifier inputs will be suppressed.
(1) Headroom voltage Vhr =VP − VO.
(2) Steady state output voltage VO =VSVR − 1.4 V.
(3) Headroom protection threshold = VO + 1.6 V.
Fig 7.
Low-headroom protection
V
(V)
t (s)
VSVR
VO (2)
headroom protection
threshold (3)
1.6 V
Vhr (1)
VP
001aad172
14
8.4
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com