| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
KIA7423P bảng dữ liệu(PDF) 4 Page - KEC(Korea Electronics) |
|
|
|||||||||||||||||||||||||||||
KIA7423P bảng dữ liệu(HTML) 4 Page - KEC(Korea Electronics) |
|
4 / 4 page ![]() 1999. 11. 25 4/4 KIA7419P/F~KIA7445P/F Revision No : 2 PRECAUTION FOR USE SOLDERING Flat Package (SOT-89 Package) Elements mounting styles of electronic devices are gaining in further diversification over recent years, and needs for components are all the more expanding in varieties. Especially, surface mounting is steadily penetrating into industrial segments as a world-wide popular technical trend. Although exposure to high temperature is inevitable during soldering we recommend limiting the soldering temperature to low levels as shown in figure for the sake of retaining inherent excellent reliability. (a) When employing solder reflow method ① Atmospheric temperature around resin surfaces must be less than 240℃, not exceeding the time length of 10 sec. ② Recommend temperature profile ③ Precautions on heating method When resin in kept exposed to high temperature for a long time, device reliability may be marred. Therefore, it is essential to complete soldering in the shortest time possible to prevent temperature of resin from rising. (b) When employing halogen lamps or infrared-ray heaters When halogen lamps or infrared-ray heaters are used, avoid direct irradiation onto resin surfaces ; such devices cause extensive localized temperature rise. ※ Please keep a reflow solder operating when SOT-89 package’s soldering. 60 sec. Time (sec.) Within 30 sec. Within 10 sec. Fig 6 150 210 240 |