| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IRFP4310ZPBF bảng dữ liệu(PDF) 8 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRFP4310ZPBF bảng dữ liệu(HTML) 8 Page - International Rectifier |
|
8 / 8 page ![]() IRFP4310ZPbF 8 www.irf.com Data and specifications subject to change without notice. This product has been designed and qualified for the Industrial market. Qualification Standards can be found on IR’s Web site. IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information. 3/08 TO-247AC packages are not recommended for Surface Mount Application. Note: For the most current drawing please refer to IR website at http://www.irf.com/package/ TO-247AC Part Marking Information TO-247AC Package Outline Dimensions are shown in millimeters (inches) LINE H INTERNATIONAL LOGO RECTIFIER ASSEMBLY 56 57 IRFPE30 135H YEAR 1 = 2001 DATE CODE PART NUMBER indicates "Lead-Free" WEEK 35 LOT CODE IN THE ASSEMBLY LINE "H" ASSEMBLED ON WW 35, 2001 Note: "P" in assembly line position EXAMPLE: WITH ASSEMBLY THIS IS AN IRFPE30 LOT CODE 5657 |