| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IRF7811AVPBF-1 bảng dữ liệu(PDF) 6 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRF7811AVPBF-1 bảng dữ liệu(HTML) 6 Page - International Rectifier |
|
6 / 6 page ![]() IRF7811AVPbF-1 6 www.irf.com © 2013 International Rectifier Submit Datasheet Feedback November 20, 2013 330.00 (12.992) MAX. 14.40 ( .566 ) 12.40 ( .488 ) NOTES : 1. CONTROLLING DIMENSION : MILLIMETER. 2. OUTLINE CONFORMS TO EIA-481 & EIA-541. FEED DIRECTION TERMINAL NUMBER 1 12.3 ( .484 ) 11.7 ( .461 ) 8.1 ( .318 ) 7.9 ( .312 ) NOTES: 1. CONTROLLING DIMENSION : MILLIMETER. 2. ALL DIMENSIONS ARE SHOWN IN MILLIMETERS(INCHES). 3. OUTLINE CONFORMS TO EIA-481 & EIA-541. SO-8 Tape and Reel Note: For the most current drawing please refer to IR website at: http://www.irf.com/package/ † Qualification standards can be found at International Rectifier’s web site: http://www.irf.com/product-info/reliability †† Applicable version of JEDEC standard at the time of product release IR WORLD HEADQUARTERS: 101 N. Sepulveda Blvd., El Segundo, California 90245, USA To contact International Rectifier, please visit http://www.irf.com/whoto-call/ MS L1 (per JEDEC J-S TD-020D †† ) RoHS compliant Yes Qualification information † Qualification level Industrial (per JEDEC JES D47F †† guidelines) Moisture Sensitivity Level SO-8 |