công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ZXTP2041F bảng dữ liệu(PDF) 2 Page - Diodes Incorporated

tên linh kiện ZXTP2041F
Giải thích chi tiết về linh kiện  40V PNP MEDIUM POWER TRANSISTOR IN SOT23
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIODES [Diodes Incorporated]
Trang chủ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP2041F bảng dữ liệu(HTML) 2 Page - Diodes Incorporated

  ZXTP2041F_15 Datasheet HTML 1Page - Diodes Incorporated ZXTP2041F_15 Datasheet HTML 2Page - Diodes Incorporated ZXTP2041F_15 Datasheet HTML 3Page - Diodes Incorporated ZXTP2041F_15 Datasheet HTML 4Page - Diodes Incorporated ZXTP2041F_15 Datasheet HTML 5Page - Diodes Incorporated ZXTP2041F_15 Datasheet HTML 6Page - Diodes Incorporated ZXTP2041F_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ZXTP2041F
Datasheet Number: DS33721 Rev. 7 - 2
2 of 7
www.diodes.com
December 2013
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXTP2041F
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-40
V
Collector-Emitter Voltage
VCEO
-40
V
Emitter-Base Voltage
VEBO
-7
V
Continuous Collector Current
IC
-1
A
Peak Pulse Current
ICM
-2
A
Base Current
IB
-200
mA
Peak Base Current
IBM
-1
A
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation
(Note 5)
PD
310
mW
(Note 6)
350
Thermal Resistance, Junction to Ambient
(Note 5)
RθJA
403
C/W
(Note 6)
357
Thermal Resistance, Junction to Leads
(Note 7)
RθJL
350
C/W
Operating and Storage Temperature Range
TJ,TSTG
-55 to +150
C
ESD Ratings (Note 8)
Characteristic
Symbol
Value
Unit
JEDEC Class
Electrostatic Discharge - Human Body Model
ESD HBM
4,000
V
3A
Electrostatic Discharge - Machine Model
ESD MM
400
V
C
Notes:
5. For a device mounted on minimum recommended pad layout 1oz copper that is on a single-sided FR4 PCB; device is measured under still air
conditions whilst operating in a steady-state.
6. Same as note (5), except the device is mounted on 15 mm x 15mm 1oz copper.
7. Thermal resistance from junction to solder-point (at the end of the leads).
8. Refer to JEDEC specification JESD22-A114 and JESD22-A115.



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com