| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SGC6489Z bảng dữ liệu(PDF) 4 Page - RF Micro Devices |
|
|
|||||||||||||||||||||||||||||
SGC6489Z bảng dữ liệu(HTML) 4 Page - RF Micro Devices |
|
4 / 6 page ![]() 4 of 6 DS120409 7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com. SGC-6489Z Suggested PCB Pad Layout Dimensions in inches (millimeters) Package Drawing Dimensions in inches (millimeters) Pin Function Description 1RF IN RF input pin. This pin requires the use of an external DC blocking capacitor chosen for the frequency of operation. 2, 4 GND Connection to ground. Use via holes as close to the device ground leads as possible to reduce ground inductance and achieve optimum RF performance. 3RF OUT/ DCBIAS RF output and bias pin. This pin requires the use of an external DC blocking capacitor chosen for the frequency of opera- tion. Bottom View Top View Package Type: SOT- 89 |