| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ES6461SAB bảng dữ liệu(PDF) 2 Page - ESS Technology,Inc |
|
|
|||||||||||||||||||||||||||||
ES6461SAB bảng dữ liệu(HTML) 2 Page - ESS Technology,Inc |
|
2 / 2 page ![]() DMP X Product Brief CONFIDENTIAL ADVANCE INFORMATION December 18, 2008 www.esstech.com 2 Vista™ High Definition Vista™ High Definition APPLICATIONS • Digital Picture Frames • HDD Media Player • Digital Signage Media Player • Video / Photo IP Phone 2CH Audio Out SPDIF Digital Out CVBS, S-Video, Component Flash SDRAM ES6430 DMP3 Memory Cards IR / Buttons DMP X ES6461 176-LQFP Host I/F USB SATA/PATA Subsystem USB Device HS USB 2.0 Host NAND Flash HDD Media Player Option Analog/Digital LCD Picture Frame Option ES7108 ES7108 1080p Scaler HDMI HDD Media Player Option Picture Frame Option HS USB 2.0 Device DEVELOPMENT KIT Two development kits are available • DMP X ES6461 HDD Media Player or Digital Picture Frame reference design • DMP X ES6460 Digital Picture Frame reference design Each development kit comes with a complete set of tools: • Data sheet and schematics • User Interface software source code • ROM emulator for code development Additionally ESS provides FAE support for: • Customer prototype design • Firmware customization |