| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RFVC1832A bảng dữ liệu(PDF) 7 Page - RF Micro Devices |
|
|
|||||||||||||||||||||||||||||
RFVC1832A bảng dữ liệu(HTML) 7 Page - RF Micro Devices |
|
7 / 9 page ![]() 7 of 9 RFVC1832A DS120518 7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com. Package Drawing (all dimensions are in mm) Notes: 1. Dimensions are for reference only. 2. Package body material: Plastic. 3. Lead and paddle plating: 8 m minimum of Sn over Cu leadframe. Recommended PCB Layout RFVC 1832A |