công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RFSW8006Q bảng dữ liệu(PDF) 3 Page - RF Micro Devices

tên linh kiện RFSW8006Q
Giải thích chi tiết về linh kiện  Symmetric SP3T Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RFMD [RF Micro Devices]
Trang chủ  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSW8006Q bảng dữ liệu(HTML) 3 Page - RF Micro Devices

  RFSW8006Q Datasheet HTML 1Page - RF Micro Devices RFSW8006Q Datasheet HTML 2Page - RF Micro Devices RFSW8006Q Datasheet HTML 3Page - RF Micro Devices RFSW8006Q Datasheet HTML 4Page - RF Micro Devices RFSW8006Q Datasheet HTML 5Page - RF Micro Devices RFSW8006Q Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS150129
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
3 of 6
RFSW8006Q
Parameter
Specification
Unit
Condition
Min
Typ
Max
General Parameters
All Modes = CRF1 or CRF2 or CRF3; T = -40°C to 105°C;
Unless otherwise noted
Passband Ripple
-0.2
0.2
dB
IP0.1dB; CW
25
27
dBm
All Modes; VDD = 2.7V; CW
26
28
dBm
All Modes; VDD
≥ 3.6V; CW
Switch Total Current (IDD)
50
100
uA
All Modes; VDD 2.7-4.8V; Control voltage 1.2 to 4.8V; T = 25°C
Switch Control Current; High State
0.5
1.5
uA
All Modes; Control voltage 1.2 to 4.8V; T = 25°C
Switch Control Current; Low State
0.05
0.1
uA
All Modes; Control voltage
≤ 0.2V; T = 25°C
Switch Time, 50% CTL to 90% RF
150
500
ns
All Modes; Switch Control = 1.2V to 4.8V
Switch Time, 50% CTL to 10% RF
150
500
ns
300MHz to 450MHz Operation
VDD = 3.6V; CRF1 = 1.2V to 4.8V; T = -40°C to 105°C;
Unless otherwise noted
Insertion Loss
0.4
dB
T = 25°C
0.4
0.5
dB
Input Return Loss
20
15
dB
Output Return Loss
20
15
dB
Switch Control Logic Table
Mode
CRF1
CRF2
CRF3
Condition
RF1
1
0
0
RF1 to ANT
RF2
0
1
0
RF2 to ANT
RF3
0
0
1
RF3 to ANT



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com