| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RF5840 bảng dữ liệu(PDF) 7 Page - RF Micro Devices |
|
|
|||||||||||||||||||||||||||||
RF5840 bảng dữ liệu(HTML) 7 Page - RF Micro Devices |
|
7 / 9 page ![]() 7 of 9 RF5840 DS120516 7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com. PCB Patterns A = 0.200x 0.378 (mm) Typ B = 0.378 x 0.200 (mm) Typ C = 0.740 (mm) Sq PCB METAL LAND PATTERN PCB METAL LAND PATTERN Pin 10 Pin 1 Pin 5 Pin 8 A A A A C B B B B 0.400 (mm) Typ 0.413 (mm) Typ 0.613 (mm) Typ 0.400 (mm) Typ 0.800 (mm) Typ 0.400 (mm) Typ 0.200 (mm) Typ B B Pin 1 PCB SOLDER MASK PATTERN PCB SOLDER MASK PATTERN Pin 1 PCB STENCIL PATTERN PCB STENCIL PATTERN A = 0.300 x 0.478 (mm) Typ B = 0.478 x 0.300 (mm) Typ C = 0.840 (mm) Sq Pin 8 Pin 5 Pin 10 A = 0.180 x 0.340 (mm) Typ B = 0.340 x 0.180 (mm) Typ C = 0.666 (mm) Sq Pin 8 Pin 5 Pin 10 0.400 (mm) Typ 0.800 (mm) Typ 0.400 (mm) Typ 0.413 (mm) Typ 0.613 (mm) Typ 0.200 (mm) Typ 0.400 (mm) Typ A A A A C B B B B B A A A A C B B B B B B 0.400 (mm) Typ 0.400 (mm) Typ 0.800 (mm) Typ 0.400 (mm) Typ 0.413 (mm) Typ 0.613 (mm) Typ 0.200 (mm) Typ B |