| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SBA5089Z bảng dữ liệu(PDF) 5 Page - RF Micro Devices |
|
|
|||||||||||||||||||||||||||||
SBA5089Z bảng dữ liệu(HTML) 5 Page - RF Micro Devices |
|
5 / 6 page ![]() 5 of 6 DS111204 7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com. SBA5089Z PCB Pad Layout Pin Function Description 1RF IN RF input pin. This pin requires the use of an external DC-blocking capacitor chosen for the frequency of opera- tion. 2, 4 GND Connection to ground. Use via holes for best performance to reduce lead inductance as close to ground leads as possible. 3RF OUT/BIAS RF output and bias pin. DC voltage is present on this pin, therefore a DC-blocking capacitor is necessary for proper operation. PCB Pad Layout Dimensions in inches [millimeters] |