công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S10040340 bảng dữ liệu(PDF) 2 Page - RF Micro Devices

tên linh kiện S10040340
Giải thích chi tiết về linh kiện  GaAs Push Pull Hybrid 40MHz to 1GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RFMD [RF Micro Devices]
Trang chủ  http://www.rfmd.com
Logo RFMD - RF Micro Devices

S10040340 bảng dữ liệu(HTML) 2 Page - RF Micro Devices

  S10040340 Datasheet HTML 1Page - RF Micro Devices S10040340 Datasheet HTML 2Page - RF Micro Devices S10040340 Datasheet HTML 3Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140221
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
2 of 3
S10040340
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
General Performance
V+ = 24V; TMB = 30°C; ZS = ZL = 75Ω
Power Gain
34.0
dB
f = 50MHz
34.5
36.5
dB
f = 1000MHz
Slope
[1]
0.5
1.5
2.5
dB
f = 40MHz to 1000MHz
Flatness of Frequency Response
1.0
dB
f = 40MHz to 1000MHz
Input Return Loss
20.0
dB
f = 40MHz to 160MHz
17.0
dB
f = 160MHz to 870MHz
16.0
dB
f = 870MHz to 1000MHz
Output Return Loss
20.0
dB
f = 40MHz to 160MHz
17.0
dB
f = 160MHz to 870MHz
16.0
dB
f = 870MHz to 1000MHz
Noise Figure
4.5
dB
f = 50MHz to 1000MHz
Total Current Consumption (DC)
240.0
280.0
mA
Distortion Data 40MHz to 750MHz
V+ = 24V; TMB = 30°C; ZS = ZL = 75Ω
CTB
-66
-64
dBc
112 ch. flat, VO = 44dBmV
[2]
XMOD
-60
-58
dBc
CSO
-65
-63
dBc
1. The slope is defined as the difference between the gain at the start frequency and the gain at the stop frequency.
2. 112 channels, NTSC frequency raster: 55.25MHz to 745.25MHz, +44dBmV flat output level.
Composite Second Order (CSO) - The CSO parameter (both sum and difference products) is defined by the NCTA.
Composite Triple Beat (CTB) - The CTB parameter is defined by the NCTA.
Cross Modulation (XMOD) - Cross modulation (XMOD) is measured at baseband (selective voltmeter method), referenced to 100% modulation of the
carrier being tested.



Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com