công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IRF6218SPBF bảng dữ liệu(PDF) 1 Page - International Rectifier

tên linh kiện IRF6218SPBF
Giải thích chi tiết về linh kiện  Low Gate to Drain Charge to Reduce Switching Losses
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IRF [International Rectifier]
Trang chủ  http://www.irf.com
Logo IRF - International Rectifier

IRF6218SPBF bảng dữ liệu(HTML) 1 Page - International Rectifier

  IRF6218SPBF_15 Datasheet HTML 1Page - International Rectifier IRF6218SPBF_15 Datasheet HTML 2Page - International Rectifier IRF6218SPBF_15 Datasheet HTML 3Page - International Rectifier IRF6218SPBF_15 Datasheet HTML 4Page - International Rectifier IRF6218SPBF_15 Datasheet HTML 5Page - International Rectifier IRF6218SPBF_15 Datasheet HTML 6Page - International Rectifier IRF6218SPBF_15 Datasheet HTML 7Page - International Rectifier IRF6218SPBF_15 Datasheet HTML 8Page - International Rectifier IRF6218SPBF_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SMPS MOSFET
HEXFET® Power MOSFET
Notes
 through † are on page 9
l Reset Switch for Active Clamp
Reset DC-DC converters
Benefits
Applications
l Low Gate to Drain Charge to Reduce
Switching Losses
l Fully Characterized Capacitance Including
Effective COSS to Simplify Design
(See App. Note AN1001)
l Fully Characterized Avalanche Voltage
and Current
l Lead-Free
S
D
G
VDSS
RDS(on) max
ID
-150V 150m
:@VGS = -10V -27A
D2Pak
IRF6218SPbF
IRF6218SPbF
1
www.irf.com © 2015 International Rectifier
Submit Datasheet Feedback
March 25, 2015
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
V
VGS
Gate-to-Source Voltage
ID @ TC = 25°C Continuous Drain Current, VGS @ 10V
A
ID @ TC = 100°C Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current
c
PD @TC = 25°C Maximum Power Dissipation
W
Linear Derating Factor
W/°C
dv/dt
Peak Diode Recovery dv/dt
h
V/ns
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
g
–––
0.61
°C/W
RθJA
Junction-to-Ambient (PCB Mounted, steady state)
gh
–––
40
1.6
250
Max.
-27
-19
-110
-150
± 20
300 (1.6mm from case )
8.2
-55 to + 175
Form
Quantity
Tube
50
IRF6218SPbF
Tape and Reel Left
800
IRF6218STRLPbF
Base Part Number
Package Type
Standard Pack
Orderable Part Number
IRF6218SPbF
D2-Pak


Số phần tương tự - IRF6218SPBF_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
International Rectifier
IRF6218SPBF IRF-IRF6218SPBF Datasheet
305Kb / 9P
Reset Switch for Active Clamp Reset DC-DC converters
logo
Infineon Technologies A...
IRF6218SPBF INFINEON-IRF6218SPBF Datasheet
460Kb / 9P
HEXFET짰 Power MOSFET
2016-5-26
More results

Mô tả tương tự - IRF6218SPBF_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
International Rectifier
IRF6636 IRF-IRF6636 Datasheet
238Kb / 9P
Low Resistance and Low Charge Along With Ultra Low Package Inductance to Reduce
logo
NXP Semiconductors
SSL4101T NXP-SSL4101T Datasheet
428Kb / 29P
GreenChip III SMPS control IC Frequency limitation to reduce switching losses.
Rev. 1-21 April 2011
logo
International Rectifier
IRF7495TRPBF IRF-IRF7495TRPBF Datasheet
228Kb / 8P
Low Gate to Drain Charge to Reduce Switching Losses
logo
Kersemi Electronic Co.,...
IRFR3410 KERSEMI-IRFR3410 Datasheet
1Mb / 8P
Low Gate-to-Drain Charge to Reduce Switching Losses
IRFR18N15D KERSEMI-IRFR18N15D_15 Datasheet
902Kb / 10P
Low Gate to Drain Charge to Reduce
logo
International Rectifier
IRGB4045DPBF IRF-IRGB4045DPBF_15 Datasheet
387Kb / 10P
Low Switching Losses
logo
HY ELECTRONIC CORP.
HYG15P120A1K1 HY-HYG15P120A1K1 Datasheet
1Mb / 8P
low switching losses
logo
International Rectifier
AUIRGDC0250 IRF-AUIRGDC0250 Datasheet
305Kb / 11P
Low Switching Losses
logo
STMicroelectronics
STS10DN3LH5 STMICROELECTRONICS-STS10DN3LH5 Datasheet
773Kb / 13P
Very low switching gate charge
May 2009 Rev 1
logo
Littelfuse
MG12150S-DEN2MM LITTELFUSE-MG12150S-DEN2MM Datasheet
1Mb / 5P
Low switching losses
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com