công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RT9745A bảng dữ liệu(PDF) 3 Page - Richtek Technology Corporation

tên linh kiện RT9745A
Giải thích chi tiết về linh kiện  Low Resistance Load Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RICHTEK [Richtek Technology Corporation]
Trang chủ  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9745A bảng dữ liệu(HTML) 3 Page - Richtek Technology Corporation

  RT9745A Datasheet HTML 1Page - Richtek Technology Corporation RT9745A Datasheet HTML 2Page - Richtek Technology Corporation RT9745A Datasheet HTML 3Page - Richtek Technology Corporation RT9745A Datasheet HTML 4Page - Richtek Technology Corporation RT9745A Datasheet HTML 5Page - Richtek Technology Corporation RT9745A Datasheet HTML 6Page - Richtek Technology Corporation RT9745A Datasheet HTML 7Page - Richtek Technology Corporation RT9745A Datasheet HTML 8Page - Richtek Technology Corporation RT9745A Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
RT9745A
3
DS9745A-00 August 2014
www.richtek.com
©
Copyright 2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Function Block Diagram
Operation
The RT9745A contains two N-MOSFETs which controlled
by EN pin independently.
Enable Control
Asserting ENx pin high enables the switch. Switch will
turn on as the EN signal is higher than VENH, and turn off
when the EN signal is lower than VENL. Thus, it can operate
under low voltage logic, please refer to the electrical
characteristics. This pin cannot be left floating and must
be tied either high or low voltage for proper functionality.
Charge Pump
Provides sufficient bias voltage to both N-MOSFETs.
Adjustable Rise Time
Connecting a capacitor to GND on the SSx pin sets the
slew rate for each channel. It could also be used to prevent
in-rush current.
Control Logic
Charge Pump
Control Logic
VOUT1
GND
VOUT2
VIN2
EN2
SS2
VDD
SS1
EN1
VIN1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com