| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RFSA3013 bảng dữ liệu(PDF) 13 Page - RF Micro Devices |
|
|
|||||||||||||||||||||||||||||
RFSA3013 bảng dữ liệu(HTML) 13 Page - RF Micro Devices |
|
13 / 17 page ![]() 13 of 17 RFSA3013 DS120419 7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com. Measured Composite Performance: 112 Channel Loading -100 -95 -90 -85 -80 -75 -70 -65 -60 -55 -50 0 100 200 300 400 500 600 700 800 Frequency (MHz) XMOD versus Frequency, 112 Channel 39dBmV Flat Input, Temp=+25°C Vc 5v Vc 4.8v Vc 4.6v Vc 4.4v Vc 4.2v Vc 4.0v Vc 3.8v Vc 3.6v Vc 3.4v Vc 3.2v Vc 3.0v -100 -95 -90 -85 -80 -75 -70 -65 -60 -55 -50 0 100 200 300 400 500 600 700 800 Frequency (MHz) CTB versus Frequency, 112 Channel 39dBmV Flat Input, Temp=+25°C Vc 5v Vc 4.8v Vc 4.6v Vc 4.4v Vc 4.2v Vc 4.0v Vc 3.8v Vc 3.6v Vc 3.4v Vc 3.2v Vc 3.0v -100 -95 -90 -85 -80 -75 -70 -65 -60 -55 -50 0 100 200 300 400 500 600 700 800 Frequency (MHz) CSO Difference versus Frequency, 112 Channel 39dBmV Flat Input, Temp=+25°C Vc 5v Vc 4.8v Vc 4.6v Vc 4.4v Vc 4.2v Vc 4.0v Vc 3.8v Vc 3.6v Vc 3.4v Vc 3.2v Vc 3.0v -100 -95 -90 -85 -80 -75 -70 -65 -60 -55 -50 0 100 200 300 400 500 600 700 800 Frequency (MHz) CSO Sum versus Frequency, 112 Channel 39dBmV Flat Input, Temp=+25°C Vc 5v Vc 4.8v Vc 4.6v Vc 4.4v Vc 4.2v Vc 4.0v Vc 3.8v Vc 3.6v Vc 3.4v Vc 3.2v Vc 3.0v |