công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RT9420 bảng dữ liệu(PDF) 3 Page - Richtek Technology Corporation

tên linh kiện RT9420
Giải thích chi tiết về linh kiện  Host-Side Single Cell Lithium Battery Gauge
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RICHTEK [Richtek Technology Corporation]
Trang chủ  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9420 bảng dữ liệu(HTML) 3 Page - Richtek Technology Corporation

  RT9420 Datasheet HTML 1Page - Richtek Technology Corporation RT9420 Datasheet HTML 2Page - Richtek Technology Corporation RT9420 Datasheet HTML 3Page - Richtek Technology Corporation RT9420 Datasheet HTML 4Page - Richtek Technology Corporation RT9420 Datasheet HTML 5Page - Richtek Technology Corporation RT9420 Datasheet HTML 6Page - Richtek Technology Corporation RT9420 Datasheet HTML 7Page - Richtek Technology Corporation RT9420 Datasheet HTML 8Page - Richtek Technology Corporation RT9420 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
RT9420
3
DS9420-01
October 2014
www.richtek.com
©
Copyright
2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Function Block Diagram
Operation
12-bit ADC
Analog-to-Digital Converter. It converts the voltage input
from VBAT pin to target value.
Battery OCV Model
Parameters for battery characteristics.
Voltaic Gauge Algorithm
The RT9428 calculates and determines that the embedded
Fuel Gauge calculates and determines the Li+ battery
SOC according to battery voltage only.
The algorithm estimates the increasing or decreasing SOC
by an iteration model according to the difference between
battery voltage and the battery OCV. The dynamic voltaic
information can effectively emulate the Li+ battery behavior
and determines the SOC (%), but can't report capacity (mAh).
Controller
The controller takes care of the control flow of system
routine, ADC measurement flow, algorithm calculation and
alert determined.
I
2C Interface
The fuel gauge registers can be accessed through the I
2C
Interface.
I
2
C
Interface
SDA
GND
SCL
Controller
Voltaic Gauge
Algorithm
Battery
OCV Model
ALERT
12-bit
ADC
VBAT
VDD
QS
TEST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com