| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PSOT03LC bảng dữ liệu(PDF) 6 Page - Protek Devices |
|
|
|||||||||||||||||||||||||||||
PSOT03LC bảng dữ liệu(HTML) 6 Page - Protek Devices |
|
6 / 9 page ![]() Only One Name Means ProTek’Tion™ www.protekdevices.com 05066.R8 10/12 Page 6 PSOT03LC - PSOT36LC APPLICATION INFORmATION FIGURE 1 - COmmON mODE I/O PORT PROTECTION Two PSOTxxLC devices used in parallel. Circuit connectivity is as follows: • I/O Line connected to Device 1, Pin 1. • I/O Line connected to Device 2, Pin 2. • Device 1, Pin 2 connected to ground. • Device 2, Pin 1 connected to ground. • Device 1 and 2, Pin 3 not connected. CIRCUIT BOARD RECOmmENDATIONS Circuit board layout is critical for electromagnetic compatibility protection. The following guidelines are recommended: • The protection device should be placed near the input terminals or connectors, the device will divert the transient current immediately before it can be coupled into the nearby traces. • The path length between the TVS device and the protected line should be minimized. • All conductive loops including power and ground loops should be minimized. • The transient current return path to ground should be kept as short as possible to reduce parasitic inductance. • Ground planes should be used whenever possible. For multilayer PCBs, use dedicated ground planes 2 3 1 2 3 1 I/O LINE GND 2 3 1 2 3 1 I/O 1 I/O 2 FIGURE 1 - DIFFERENTIAL mODE EThERNET PROTECTION Two PSOTxxLC devices used in parallel. Circuit connectivity is as follows: • I/O Line 1 connected to Device 1, Pin 1. • I/O Line 1 connected to Device 2, Pin 2. • I/O Line 2 connected to Device 1, Pin 1. • I/O Line 2 connected to Device 2, Pin 2. • Device 1 and 2, Pin 3 not connected. |
|
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |