| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NJG1550F-R1 bảng dữ liệu(PDF) 15 Page - New Japan Radio |
|
|
|||||||||||||||||||||||||||||
NJG1550F-R1 bảng dữ liệu(HTML) 15 Page - New Japan Radio |
|
15 / 15 page ![]() NJG1550F - 15 - nPACKAGE OUTLINE (MTP6) Lead material : Copper Lead surface finish : Solder plating Molding material : Epoxy resin UNIT : mm Weight : 14mg Cautions on using this product This product contains Gallium-Arsenide (GaAs) which is a harmful material. • Do NOT eat or put into mouth. • Do NOT dispose in fire or break up this product. • Do NOT chemically make gas or powder with this product. • To waste this product, please obey the relating law of your country. This product may be damaged with electric static discharge (ESD) or spike voltage. Please handle with care to avoid these damages. [CAUTION] The specifications on this databook are only given for information , without any guarantee as regards either mistakes or omissions. The application circuits in this databook are described only to show representative usages of the product and not intended for the guarantee or permission of any right including the industrial rights. |