công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RT5072 bảng dữ liệu(PDF) 5 Page - Richtek Technology Corporation

tên linh kiện RT5072
Giải thích chi tiết về linh kiện  The RT5072 is a complete power supply solution
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RICHTEK [Richtek Technology Corporation]
Trang chủ  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5072 bảng dữ liệu(HTML) 5 Page - Richtek Technology Corporation

  RT5072 Datasheet HTML 1Page - Richtek Technology Corporation RT5072 Datasheet HTML 2Page - Richtek Technology Corporation RT5072 Datasheet HTML 3Page - Richtek Technology Corporation RT5072 Datasheet HTML 4Page - Richtek Technology Corporation RT5072 Datasheet HTML 5Page - Richtek Technology Corporation RT5072 Datasheet HTML 6Page - Richtek Technology Corporation RT5072 Datasheet HTML 7Page - Richtek Technology Corporation RT5072 Datasheet HTML 8Page - Richtek Technology Corporation RT5072 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 68 page
background image
RT5072
5
DS5072-00
March 2015
www.richtek.com
Copyright
2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Pin No.
Pin Name
Pin Function
28
FB3
Feedback Voltage Input of CH3.
29
TS
Temperature Sense Input. The TS pin connects to a battery’s thermistor to
determine if the battery is too hot or too cold to charge. If the battery’s
temperature is out of range, charging is paused until it re-enters the valid range.
TS also detects whether the battery (with NTC) is present or not.
30
VP
Power Output of 3.3V Buffer for Battery Temperature Sensing.
31
LX3
Switch Node of CH3.
32
PVD3
Power Input of CH3.
33, 34
BAT
Charger Output for Battery.
35, 36
SYS
Power Output for System. Connect this pin to System with a minimum 10
F
ceramic capacitor to GND.
37
VIN
Supply Voltage Input.
38
DP
USB D+ Input for Charger Type Detection.
39
DN
USB D- Input for Charger Type Detection.
40
VRTC
RTC LDO Power Output.
41 (Exposed pad)
GND
Power Ground. The exposed pad must be soldered to a large PCB and
connected to GND for maximum power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com