công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LTP5901-IPM bảng dữ liệu(PDF) 5 Page - Linear Technology

tên linh kiện LTP5901-IPM
Giải thích chi tiết về linh kiện  SmartMesh IP Node 2.4GHz 802.15.4e Wireless Mote Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINER [Linear Technology]
Trang chủ  http://www.linear.com
Logo LINER - Linear Technology

LTP5901-IPM bảng dữ liệu(HTML) 5 Page - Linear Technology

  LTP5901-IPM_15 Datasheet HTML 1Page - Linear Technology LTP5901-IPM_15 Datasheet HTML 2Page - Linear Technology LTP5901-IPM_15 Datasheet HTML 3Page - Linear Technology LTP5901-IPM_15 Datasheet HTML 4Page - Linear Technology LTP5901-IPM_15 Datasheet HTML 5Page - Linear Technology LTP5901-IPM_15 Datasheet HTML 6Page - Linear Technology LTP5901-IPM_15 Datasheet HTML 7Page - Linear Technology LTP5901-IPM_15 Datasheet HTML 8Page - Linear Technology LTP5901-IPM_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LTP5901-IPM/LTP5902-IPM
5
59012ipmf
For more information www.linear.com/LTP5901-IPM or www.linear.com/LTP5902-IPM
orDer inForMaTion
LEAD FREE FINISH*
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTP5901IPC-IPMA???#PBF
LTP5901IPC-IPMA??? #PBF 66-Lead (42mm × 24mm × 5.5mm) PCB with Chip Antenna
–40°C to 85°C
LTP5902IPC-IPMA???#PBF
LTP5902IPC-IPMA??? #PBF 66-Lead (37.5mm × 24mm × 5.5mm) PCB with MMCX Connector –40°C to 85°C
*The software version is indicated by ???.
For specific ordering information go to http://www.linear.com/product/LTP5901-IPM#orderinfo or http://www.linear.com/product/LTP5902-IPM#orderinfo
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
recoMMenDeD operaTing conDiTions The
l
denotes the specifications which apply over
the full operating temperature range, otherwise specifications are at TA = 25°C and VSUPPLY = 3.6V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VSUPPLY
Supply Voltage
Including Noise and Load Regulation
l
2.1
3.76
V
Supply Noise
50Hz to 2MHz
l
250
mV
Operating Relative Humidity
Non-Condensing
l
10
90
% RH
Temperature Ramp Rate While Operating
in Network
l
–8
+8
°C/min
Dc characTerisTics The
l
denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C and VSUPPLY = 3.6V unless otherwise noted.
OPERATION/STATE
CONDITIONS
MIN
TYP
MAX
UNITS
Power-on Reset
During Power-On Reset, Maximum 750µs + VSUPPLY Rise Time
from 1V to 1.9V
12
mA
Doze
RAM on, ARM Cortex-M3, Flash, Radio, and Peripherals Off, All
Data and State Retained, 32.768kHz Reference Active
1.2
µA
Deep Sleep
RAM on, ARM Cortex-M3, Flash, Radio, and Peripherals Off, All
Data and State Retained, 32.768kHz Reference Inactive
0.8
µA
In-Circuit Programming
RESETn and FLASH_P_ENn Asserted, IPCS_SCK at 8MHz
20
mA
Peak Operating Current
+8dBm
+0dBm
System Operating at 14.7MHz, Radio Transmitting, During Flash
Write. Maximum Duration 4.33 ms.
30
26
mA
mA
Active
ARM Cortex M3, RAM and Flash Operating, Radio and All Other
Peripherals Off. Clock Frequency of CPU and Peripherals Set to
7.3728MHz, VCORE = 1.2V
1.3
mA
Flash Write
Single Bank Flash Write
3.7
mA
Flash Erase
Single Bank Page or Mass Erase
2.5
mA
Radio Tx
+0dBm
+8dBm
Current with Autonomous MAC Managing Radio Operation,
CPU Inactive. Clock Frequency of CPU and Peripherals Set to
7.3728MHz.
5.4
9.7
mA
mA
Radio Rx
Current with Autonomous MAC Managing Radio Operation,
CPU Inactive. Clock Frequency of CPU and Peripherals Set to
7.3728MHz.
4.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com