| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
2MC04041 bảng dữ liệu(PDF) 5 Page - RMT Ltd. |
|
|
|||||||||||||||||||||||||||||
2MC04041 bảng dữ liệu(HTML) 5 Page - RMT Ltd. |
|
5 / 8 page ![]() 46 Warshavskoe shosse. Moscow 115230 Russia, ph: +7-499-678-2082, fax: +7-499-678-2083, web: www.rmtltd.ru Copyright 2012. RMT Ltd. The design and specifications of products can be changed by RMT Ltd without notice. Page 5 of 8 TEC Polarity Terminal Wires Options TEC Polarity can be modified by request. The specified polarity in this datasheet is typical. It can be reversed in accordance to Customer application requirements. The wires are of tinned Copper, blank (not isolated) by default. Various options for isolated wires are available by request. The available solutions include isolated wires, isolated color-coded wires, flexible multicore wires and more. Customized Au patterns on thermoelectric cooler cold side are available by request. Selective Pre- tinning over pattern is also available. Please, contact RMT Ltd for additional information about customized Au patterns requirements. + - + - Additional Options Thermoelectric Cooling Solutions Standard TEC height can be modified without performance changes by using ceramics of d i f f e r e n t t h i c k n e s s . S t a n d a r d 2 - s t a g e thermoelectric cooler height (specified in this datasheet) may be modified in a range -0.75..+1.5mm by request. Customized Au Patterns TEC Height modification Standard polarity Reversed polarity Standard wires, tinned Copper Isolated wires Customized Au pattern on cold side Selective pre-tinning over pattern Standard height Modified height, another ceramics thickness |