| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RFFM6909 bảng dữ liệu(PDF) 3 Page - RF Micro Devices |
|
|
|||||||||||||||||||||||||||||
RFFM6909 bảng dữ liệu(HTML) 3 Page - RF Micro Devices |
|
3 / 5 page ![]() RF Micro Devices Inc. 7628 Thorndike Road, Greensboro, NC 27409-9421 DS140905 For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com. The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended application circuitry and specifications at any time without prior notice. 3 of 5 RFFM6909 Switch Control Truth Table Operating Mode C_TX C_RX C_ANT TX-ANT1 1 0 0 TX-ANT2 1 0 1 RX-ANT1 0 1 0 RX-ANT2 0 1 1 All Off 0 0 0 Note: *Switch Control Logic High=Min 3.1V to Max 3.8V *Switch Control Logic Low= 0.0V to Max 0.2V |