công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RFAM3790TR7 bảng dữ liệu(PDF) 4 Page - RF Micro Devices

tên linh kiện RFAM3790TR7
Giải thích chi tiết về linh kiện  45-1218MHZ GAAS EDGE QAM INTEGRATED AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RFMD [RF Micro Devices]
Trang chủ  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFAM3790TR7 bảng dữ liệu(HTML) 4 Page - RF Micro Devices

  RFAM3790TR7 Datasheet HTML 1Page - RF Micro Devices RFAM3790TR7 Datasheet HTML 2Page - RF Micro Devices RFAM3790TR7 Datasheet HTML 3Page - RF Micro Devices RFAM3790TR7 Datasheet HTML 4Page - RF Micro Devices RFAM3790TR7 Datasheet HTML 5Page - RF Micro Devices RFAM3790TR7 Datasheet HTML 6Page - RF Micro Devices RFAM3790TR7 Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140820
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
4 of 7
RFAM3790
Evaluation Board Assembly Drawing
Note:
The ground plane of the RFAM3790 module should be soldered onto a board equipped with as many thermal vias as possible.
Underneath this thermal via array a heat sink with thermal grease needs to be placed which is able to dissipate the complete module DC
power. In any case the module backside temperature should not exceed 100°C.
D1
D4
D3
D2
EVALUATION-BOARD RFAM2790 ED A533
C4
C8
R1
C7
C1
C2
C3
C6
Fb1
C5
C9
TR3
TR2
TR1
ADJUST
J1
J2
V+
POWER
ENABLE
ATT
GND
RF_OUT
RF_IN
RFAM3790PCBA-410



Html Pages

1 2 3 4 5 6 7