công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RF7228 bảng dữ liệu(PDF) 1 Page - RF Micro Devices

tên linh kiện RF7228
Giải thích chi tiết về linh kiện  3V W-CDMA BAND 8 LINEAR PA MODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RFMD [RF Micro Devices]
Trang chủ  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF7228 bảng dữ liệu(HTML) 1 Page - RF Micro Devices

  RF7228 Datasheet HTML 1Page - RF Micro Devices RF7228 Datasheet HTML 2Page - RF Micro Devices RF7228 Datasheet HTML 3Page - RF Micro Devices RF7228 Datasheet HTML 4Page - RF Micro Devices RF7228 Datasheet HTML 5Page - RF Micro Devices RF7228 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1 of 6
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
RF MEMS
LDMOS
VBAT
RF OUT
RF IN
VMODE1
VEN
VMODE0
VCC
CPL IN
CPL OUT
GND
5
4
1
2
3
6
7
10
9
8
AMP
Bias Control
& PA/VMODE
Enable
RF7228
3V W-CDMA BAND 8 LINEAR PA MODULE
The RF7228 is a high-power, high-efficiency, linear power amplifier
designed for use as the final RF amplifier in 3V, 50
 W-CDMA mobile cel-
lular equipment and spread-spectrum systems. This PA is developed for
UMTS Band 8 which operates in the 880MHz to 915MHz frequency band.
The RF7228 has two digital control pins to select one of three power
modes to optimize performance and current drain at lower power levels.
The part also has an integrated directional coupler which eliminates the
need for an external discrete coupler at the output. The RF7228 is fully
HSDPA and HSPA+ compliant and is assembled in a 10-pin, 3mmx3mm
module.
Features
HSDPA and HSPA+ Compliant
Low Voltage Positive Bias
Supply (3.0V to 4.35V)
+28.5dBm Linear Output
Power (+27.0dBm HSDPA)
High Efficiency Operation
41% at POUT=+28.5dBm
22% at POUT=+18.0dBm
11% at POUT=+10.0dBm
Low Quiescent Current in Low
Power Mode: 6mA
Internal Voltage Regulator
Eliminates the Need for Exter-
nal Reference Voltage (VREF)
3-Mode Power States with
Digital Control Interface
Integrated Power Coupler
Integrated Blocking and Col-
lector Decoupling Capacitors
Applications
WCDMA/HSDPA/HSUPA Wire-
less Handsets and Data
Cards
Dual-Mode UMTS Wireless
Handsets
RF7228
3V W-CDMA Band 8 Linear PA Module
RF7228PCBA-410
Fully Assembled Evaluation Board
Prelim DS110224
Package Style: Module, 10-Pin, 3mmx3mmx1.0mm


Số phần tương tự - RF7228

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
RF Micro Devices
RF7222 RFMD-RF7222 Datasheet
456Kb / 7P
3V W-CDMA BAND 2 LINEAR PA MODULE
RF7222PCBA-410 RFMD-RF7222PCBA-410 Datasheet
456Kb / 7P
3V W-CDMA BAND 2 LINEAR PA MODULE
RF7225 RFMD-RF7225 Datasheet
492Kb / 6P
3V W-CDMA BAND 5 LINEAR PA MODULE
RF7225PCBA-410 RFMD-RF7225PCBA-410 Datasheet
492Kb / 6P
3V W-CDMA BAND 5 LINEAR PA MODULE
More results

Mô tả tương tự - RF7228

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
RF Micro Devices
RF3266 RFMD-RF3266 Datasheet
191Kb / 10P
3V W-CDMA LINEAR PA MODULE
RF7222 RFMD-RF7222 Datasheet
456Kb / 7P
3V W-CDMA BAND 2 LINEAR PA MODULE
RF7225 RFMD-RF7225 Datasheet
492Kb / 6P
3V W-CDMA BAND 5 LINEAR PA MODULE
RF7234 RFMD-RF7234 Datasheet
432Kb / 8P
3V TD-SCDMA/W-CDMA LINEAR PA MODULE BAND 1 AND 1880MHz TO 2025MHz
RF7252 RFMD-RF7252 Datasheet
167Kb / 2P
3V CDMA/WCDMA BAND 2 LINEAR PA MODULE
RF7303 RFMD-RF7303 Datasheet
205Kb / 2P
3V LTE/UMTS/CDMA BAND 3 LINEAR PA MODULE
RF7317A RFMD-RF7317A Datasheet
205Kb / 2P
3V LTE BAND 17 LINEAR PA MODULE
RF7401 RFMD-RF7401 Datasheet
531Kb / 8P
3 V W-CDMA BAND 1 LINEAR PA MODULE
RF7206 RFMD-RF7206 Datasheet
576Kb / 8P
3 V W-CDMA BAND 2 LINEAR PA MODULE
logo
Qorvo, Inc
RF7303 QORVO-RF7303 Datasheet
205Kb / 2P
3V LTE/UMTS/CDMA BAND 3 LINEAR PA MODULE
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com