công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DMP2004K-7 bảng dữ liệu(PDF) 1 Page - Diodes Incorporated

tên linh kiện DMP2004K-7
Giải thích chi tiết về linh kiện  P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIODES [Diodes Incorporated]
Trang chủ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP2004K-7 bảng dữ liệu(HTML) 1 Page - Diodes Incorporated

  DMP2004K-7 Datasheet HTML 1Page - Diodes Incorporated DMP2004K-7 Datasheet HTML 2Page - Diodes Incorporated DMP2004K-7 Datasheet HTML 3Page - Diodes Incorporated DMP2004K-7 Datasheet HTML 4Page - Diodes Incorporated DMP2004K-7 Datasheet HTML 5Page - Diodes Incorporated DMP2004K-7 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DMP2004K
Document number: DS30933 Rev. 9 - 2
1 of 6
www.diodes.com
July 2014
© Diodes Incorporated
DMP2004K
P-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
V(BR)DSS
RDS(ON) max
Package
ID
TA = +25°C
-20V
0.9
Ω @ VGS = -4.5V
SOT23
-430mA
2.0
Ω @ VGS = -1.8V
-150mA
Description
This new generation MOSFET has been designed to minimize the
on-state resistance (RDS(ON)) and yet maintain superior switching
performance, making it ideal for high efficiency power management
applications.
Applications
•
DC-DC Converters
•
Power Management Functions
Features
•
Low On-Resistance
•
Very Low Gate Threshold Voltage VGS(TH) <1V
•
Low Input Capacitance
•
Fast Switching Speed
•
Low Input/Output Leakage
•
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Note 3)
•
ESD Protected Gate
•
Qualified to AEC-Q101 standards for High Reliability
Mechanical Data
•
Case: SOT23
•
Case Material: Molded Plastic, “Green” Molding
•
Compound. UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Finish – Matte Tin annealed over Copper leadframe.
•
Solderable per MIL-STD-202, Method 208
•
Terminal Connections: See Diagram
•
Weight: 0.008 grams (approximate)
Ordering Information (Note 4)
Part Number
Compliance
Case
Packaging
DMP2004K-7
Standard
SOT23
3,000/Tape & Reel
DMP2004KQ-7
Automotive
SOT23
3,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Date Code Key
Year
2008
2009
2010
2011
2012
2013
2014
2015
Code
V
W
X
Y
Z
A
B
C
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
e3
Top View
Internal Schematic
Top View
Equivalent Circuit
ESD PROTECTED
D
G
S
SOT23
PAB = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: B = 2014)
M = Month (ex: 9 = September)
PAB
D
S
G
Gate Protection
Diode


Số phần tương tự - DMP2004K-7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Diodes Incorporated
DMP2004K-7 DIODES-DMP2004K-7 Datasheet
147Kb / 5P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30933 Rev. 4 - 2
DMP2004K-7 DIODES-DMP2004K-7 Datasheet
405Kb / 6P
P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 10
More results

Mô tả tương tự - DMP2004K-7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2305 SYNC-POWER-SPP2305 Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2301A STANSON-ST2301A Datasheet
221Kb / 6P
P Channel Enhancement Mode MOSFET
ST2305A STANSON-ST2305A Datasheet
147Kb / 6P
P Channel Enhancement Mode MOSFET
ST3401 STANSON-ST3401 Datasheet
200Kb / 6P
P Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPP2319 SYNC-POWER-SPP2319 Datasheet
210Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3401B SYNC-POWER-SPP3401B Datasheet
204Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3407B SYNC-POWER-SPP3407B Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com