công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DMP2004DMK bảng dữ liệu(PDF) 1 Page - Diodes Incorporated

tên linh kiện DMP2004DMK
Giải thích chi tiết về linh kiện  DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIODES [Diodes Incorporated]
Trang chủ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP2004DMK bảng dữ liệu(HTML) 1 Page - Diodes Incorporated

  DMP2004DMK_15 Datasheet HTML 1Page - Diodes Incorporated DMP2004DMK_15 Datasheet HTML 2Page - Diodes Incorporated DMP2004DMK_15 Datasheet HTML 3Page - Diodes Incorporated DMP2004DMK_15 Datasheet HTML 4Page - Diodes Incorporated DMP2004DMK_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DMP2004DMK
Document number: DS30939 Rev. 4 - 2
1 of 5
www.diodes.com
August 2012
© Diodes Incorporated
DMP2004DMK
DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
Features
•
Dual P-Channel MOSFET
•
Low On-Resistance
•
Very Low Gate Threshold Voltage VGS(th) < 1V
•
Low Input Capacitance
•
Fast Switching Speed
•
Low Input/Output Leakage
•
ESD Protected Gate
•
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Note 3)
•
Qualified to AEC-Q101 standards for High Reliability
Mechanical Data
•
Case: SOT26
•
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminal Connections: See Diagram
•
Terminals: Finish
⎯ Matte Tin annealed over Copper
leadframe. Solderable per MIL-STD-202, Method 208
•
Weight: 0.015 grams (approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMP2004DMK-7
SOT26
3000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
 
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com.
Marking Information
Date Code Key
Year
2007
2008
2009
2010
2011
2012
2013
2014
2015
2016
2017
Code
U
V
W
X
Y
Z
A
B
C
D
E
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
SOT26
Top View
Top View
Internal Schematic
S
1
D
1
D
2
S
2
G
1
G
2
ESD PROTECTED
PAB = Marking Code
YM = Date Code Marking
Y = Year (ex: U = 2007)
M = Month (ex: 9 = September)
PAB YM
S
1
D
2
G
1
D
1
S
2
G
2


Số phần tương tự - DMP2004DMK_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Diodes Incorporated
DMP2004DMK DIODES-DMP2004DMK_16 Datasheet
480Kb / 6P
DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 5
More results

Mô tả tương tự - DMP2004DMK_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Chino-Excel Technology
CEM4953 CET-CEM4953 Datasheet
499Kb / 5P
Dual P-Channel Enhancement Mode MOSFET
logo
Linear Integrated Syste...
3N190-1 LINEAR-3N190-1 Datasheet
274Kb / 2P
P-CHANNEL DUAL MOSFET ENHANCEMENT MODE
logo
Anpec Electronics Corop...
APM4947K ANPEC-APM4947K Datasheet
117Kb / 10P
Dual P-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPP6308 SYNC-POWER-SPP6308 Datasheet
213Kb / 8P
Dual P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP3098LSD DIODES-DMP3098LSD Datasheet
165Kb / 4P
DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DS31448 Rev. 3 - 2
DMP210DUDJ DIODES-DMP210DUDJ Datasheet
446Kb / 6P
DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DS31494 Rev. 4 - 2
DMP57D5UV DIODES-DMP57D5UV Datasheet
150Kb / 5P
DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DS31540 Rev. 3 - 2
DMP2035UTS DIODES-DMP2035UTS Datasheet
163Kb / 6P
DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DS31940 Rev. 3 - 2
DMG1023UV DIODES-DMG1023UV Datasheet
139Kb / 6P
DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DS31975 Rev. 5 - 2
logo
SYNC POWER Crop.
SPP6308 SYNC-POWER-SPP6308_08 Datasheet
218Kb / 8P
Dual P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com