công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LT3060 bảng dữ liệu(PDF) 21 Page - Linear Technology

tên linh kiện LT3060
Giải thích chi tiết về linh kiện  45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINER [Linear Technology]
Trang chủ  http://www.linear.com
Logo LINER - Linear Technology

LT3060 bảng dữ liệu(HTML) 21 Page - Linear Technology

Back Button LT3060_15 Datasheet HTML 17Page - Linear Technology LT3060_15 Datasheet HTML 18Page - Linear Technology LT3060_15 Datasheet HTML 19Page - Linear Technology LT3060_15 Datasheet HTML 20Page - Linear Technology LT3060_15 Datasheet HTML 21Page - Linear Technology LT3060_15 Datasheet HTML 22Page - Linear Technology LT3060_15 Datasheet HTML 23Page - Linear Technology LT3060_15 Datasheet HTML 24Page - Linear Technology LT3060_15 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
LT3060 Series
21
3060fc
For more information www.linear.com/LT3060
applicaTions inForMaTion
The LT3060 IN pin withstands reverse voltages up to 50V.
The device limits current flow to less than 300µA (typi-
cally less than 50µA) and no negative voltage appears at
OUT. The device protects both itself and the load against
batteries that are plugged in backwards.
The SHDN pin cannot be driven below GND unless tied to
the IN pin. If the SHDN pin is driven below GND while IN is
powered, the output may turn on. SHDN pin logic cannot
be referenced to a negative supply voltage.
The LT3060 incurs no damage if its output is pulled be-
low ground. If the input is left open-circuit or grounded,
the output can be pulled below ground by 50V. No cur-
rent flows through the pass transistor from the output.
However, current flows in (but is limited by) the resistor
divider that sets the output voltage. Current flows from
the bottom resistor in the divider and from the ADJ pin’s
internal clamp through the top resistor in the divider to
the external circuitry pulling OUT below ground. If the
input is powered by a voltage source, the output sources
current equal to its current limit capability and the LT3060
protects itself by thermal limiting. In this case, grounding
the SHDN pin turns off the device and stops the output
from sourcing current.
The LT3060 incurs no damage if the ADJ pin is pulled
above or below ground by less than 50V. For the adjust-
able version, if the input is left open-circuit or grounded,
the ADJ pin performs like a large resistor (typically 30k)
in series with a diode when pulled below ground, and like
30k in series with two diodes when pulled above ground.
In circuits where a backup battery is required, several
different input/output conditions can occur. The output
voltage may be held up while the input is either pulled to
ground, pulled to some intermediate voltage or left open-
circuit. Current flow back into the output follows the curve
shown in Figures 7 and 8.
If the LT3060’s IN pin is forced below the OUT pin or the
OUT pin is pulled above the IN pin, input current typically
drops to less than 1µA. This occurs if the LT3060 input
is connected to a discharged (low voltage) battery and
either a backup battery or a second regulator holds up
the output. The state of the SHDN pin has no effect on
the reverse current if the output is pulled above the input.
OUTPUT VOLTAGE (V)
0
0
1.4
1.6
1.8
1.2
1.0
0.8
0.4
0.6
0.2
2.0
5
30 35 40 45
10 15 20
3060 F07
25
ADJ
OUT
TJ = 25°C
VIN = 0V
CURRENT FLOWS
INTO OUT PIN
VOUT = VADJ
Figure 7. LT3060 Reverse Output Current
Figure 8. LT3060-1.2/-1.5/-1.8/-2.5/-3.3/-5/-15
Reverse Output Current
OUTPUT VOLTAGE (V)
0
0
250
150
200
100
50
350
300
5
30 35 40 45
10 15 20
3060 F08
25
LT3060-1.2
LT3060-5
LT3060-15
LT3060-1.5
LT3060-1.8
LT3060-2.5
LT3060-3.3
TJ = 25°C
VIN = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com