công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DMN4026SSD-13 bảng dữ liệu(PDF) 2 Page - Diodes Incorporated

tên linh kiện DMN4026SSD-13
Giải thích chi tiết về linh kiện  40V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIODES [Diodes Incorporated]
Trang chủ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN4026SSD-13 bảng dữ liệu(HTML) 2 Page - Diodes Incorporated

  DMN4026SSD-13 Datasheet HTML 1Page - Diodes Incorporated DMN4026SSD-13 Datasheet HTML 2Page - Diodes Incorporated DMN4026SSD-13 Datasheet HTML 3Page - Diodes Incorporated DMN4026SSD-13 Datasheet HTML 4Page - Diodes Incorporated DMN4026SSD-13 Datasheet HTML 5Page - Diodes Incorporated DMN4026SSD-13 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMN4026SSD
Document number: DS36351 Rev. 4 - 2
2 of 6
www.diodes.com
June 2014
© Diodes Incorporated
DMN4026SSD
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
40
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 7) VGS = 10V
Steady
State
TA = +25°C
TA = +70°C
ID
7.0
5.6
A
T<10s
TA = +25°C
TA = +70°C
ID
9.0
7.2
A
Maximum Continuous Body Diode Forward Current (Note 7)
IS
2.5
A
Pulsed Drain Current (10µs pulse, duty cycle = 1%)
IDM
70
A
Thermal Characteristics
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 6)
TA = +25°C
PD
1.3
W
TA = +70°C
0.8
Thermal Resistance, Junction to Ambient (Note 6)
Steady State
RθJA
98
°C/W
t<10s
59
Total Power Dissipation (Note 7)
TA = +25°C
PD
1.8
W
TA = +70°C
1.1
Thermal Resistance, Junction to Ambient (Note 7)
Steady State
RθJA
71
°C/W
t<10s
43
Thermal Resistance, Junction to Case (Note 7)
RθJC
11.8
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Drain-Source Breakdown Voltage
BVDSS
40
⎯
⎯
V
VGS = 0V, ID = 250µA
Zero Gate Voltage Drain Current
IDSS
⎯
⎯
1
µA
VDS = 40V, VGS = 0V
Gate-Source Leakage
IGSS
⎯
⎯
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 8)
Gate Threshold Voltage
VGS(th)
1
⎯
3
V
VDS = VGS, ID = 250µA
Static Drain-Source On-Resistance
RDS(ON)
⎯
15
24
mΩ
VGS = 10V, ID = 6A
⎯
20
32
VGS = 4.5V, ID = 5A
Diode Forward Voltage
VSD
⎯
0.7
1.0
V
VGS = 0V, IS = 1.0A
DYNAMIC CHARACTERISTICS (Note 9)
Input Capacitance
Ciss
⎯
1060
⎯
pF
VDS = 20V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
⎯
84
⎯
Reverse Transfer Capacitance
Crss
⎯
58
⎯
Gate Resistance
RG
⎯
1.6
⎯
Ω
VDS = 0V, VGS = 0V, f = 1.0MHz
Total Gate Charge (VGS = 4.5V)
Qg
⎯
8.8
20
nC
VDS = 20V, ID = 8A
Total Gate Charge (VGS = 10V)
Qg
⎯
19.1
43
Gate-Source Charge
Qgs
⎯
3.0
7.5
Gate-Drain Charge
Qgd
⎯
2.5
6
Turn-On Delay Time
tD(on)
⎯
5.3
⎯
nS
VDD = 25V, RL = 2.5Ω
VGS = 10V, RG = 3Ω
Turn-On Rise Time
tr
⎯
7.1
⎯
Turn-Off Delay Time
tD(off)
⎯
15.1
⎯
Turn-Off Fall Time
tf
⎯
4.8
⎯
Body Diode Reverse Recovery Time
trr
⎯
10.5
⎯
nS
IF = 8A, di/dt = 100A/μs
Body Diode Reverse Recovery Charge
Qrr
⎯
4.15
⎯
nC
IF = 8A, di/dt = 100A/μs
Notes:
6. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
7. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper plate.
8. Short duration pulse test used to minimize self-heating effect.
9. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com