| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LENS-13 bảng dữ liệu(PDF) 2 Page - Roithner LaserTechnik GmbH |
|
|
|||||||||||||||||||||||||||||
LENS-13 bảng dữ liệu(HTML) 2 Page - Roithner LaserTechnik GmbH |
|
2 / 2 page ![]() 04.11.2011 LENS-13 2 of 2 Included in delivery • LENS-13: Top and Base • 2x screws M3.0x12 Recommended Storage and Handling of Lenses Storage For extended periods of time, the lenses should be stored in a "dry box" environment. This entails the use of a desiccant (e.g., silica gel) or a heat source to prevent humidity from leaching the lens material. In addition to humidity requirement, the lenses need to have sufficient spacing to avoid potential damage such as chipping and scratching from other lenses. Handling Do not handle or install lenses without wearing gloves, skin oils may damage the lens or the light transmission. Mount lenses by taking care of overbolting – PMMA can crack. Cleaning At times it is necessary to clean the lens surfaces due to the presence of some dust or film which may impair the image. We generally recommends the use of mild soap and water. Dry with a clean soft cloth. Do not use any commercial solvents on lenses. |