| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LS7166 bảng dữ liệu(PDF) 7 Page - LSI Computer Systems |
|
|
|||||||||||||||||||||||||||||
LS7166 bảng dữ liệu(HTML) 7 Page - LSI Computer Systems |
|
7 / 12 page ![]() FIGURE 2 . LOAD COUNTER, UP CLOCK, DOWN CLOCK, COMPARE OUT, CARRY, BORROW NOTE 1: The counter in this example is assumed to be operating in the binary mode. NOTE 2: No COMP output is generated here, although PR = CNTR. COMP output is disabled with a counter load command and enabled with the rising edge of the next clock, thus eliminating invalid COMP outputs whenever the CNTR is loaded from the PR. NOTE 3: When UP Clock is active, the DN Clock should be held "HIGH" and vice versa. CNTR=FFFFFD (PR=CNTR) CNTR=FFFFFE CNTR=FFFFFF CNTR=000000 CNTR=000000 CNTR=FFFFFE CNTR=0000001 CNTR=FFFFFD (PR=CNTR) CNTR=FFFFFF NOTE 2 UP CLK (A) DN CLK (B) Q0 (Internal) Q1 (Internal) COMP CY BW LTCR TLCW TCL TUDD TCH TCL TCH Q2-Q23 (Internal) TLC UP CLK OR DN CLK CY CYT BW BWT COMP COMPT FIGURE 3. CLOCK TO CY/BW OUTPUT PROPAGATION DELAYS TCBL TCBH TTFH TCBL TCBH TTFH TTFH TTFL TTFL TCBL TCBH TTFL SIGN (INTERNAL) 7166-030192-7 |